Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19502Q5B Datasheet (PDF) - Texas Instruments

CSD19502Q5B Datasheet PDF - Texas Instruments
Part # CSD19502Q5B
Download  CSD19502Q5B Download
File Size   932.02 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19502Q5B 80 V N-Channel NexFET™ Power MOSFET

CSD19502Q5B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD19502Q5B Datasheet PDF - Texas Instruments

Part # CSD19502Q5B
Download  CSD19502Q5B Click to download

File Size   932.02 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19502Q5B 80 V N-Channel NexFET™ Power MOSFET

CSD19502Q5B Datasheet (HTML) - Texas Instruments


CSD19502Q5B Product details

1 Features
1• Ultra-Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Logic Level
• Pb-Free Terminal Plating
• RoHS Compliant
• Halogen Free
• SON 5-mm × 6-mm Plastic Package

2 Applications
• Secondary Side Synchronous Rectifier
• Motor Control

3 Description
This 3.4 mΩ, 80 V, SON 5 mm × 6 mm NexFET™
power MOSFET is designed to minimize losses in
power conversion applications.




Similar Part No. - CSD19502Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
CSD19502Q5BT TI1-CSD19502Q5BT Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
More results


Similar Description - CSD19502Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET??Power MOSFET
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
80 V N-Channel NexFET??Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
80 V N-Channel NexFET Power MOSFET
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
80 V N-Channel NexFET Power MOSFETs
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
80 V N-Channel NexFET Power MOSFET
CSD19506KTT TI1-CSD19506KTT Datasheet
408Kb / 13P
80 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com