Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ4A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

KBJ4A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # KBJ4A
Download  KBJ4A Download
File Size   240.57 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts

KBJ4A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ4A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # KBJ4A
Download  KBJ4A Click to download

File Size   240.57 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts

KBJ4A Datasheet (HTML) - DAESAN ELECTRONIC CORP.


KBJ4A Product details

Features
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1500VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 120A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability Classification 94V-0




Similar Part No. - KBJ4A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4A DCCOM-KBJ4A Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ4A BILIN-KBJ4A Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
KBJ4A DACHANG-KBJ4A Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A
logo
Shenzhen Luguang Electr...
KBJ4A LUGUANG-KBJ4A Datasheet
180Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - KBJ4A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ2A DAESAN-KBJ2A Datasheet
273Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBU4A DAESAN-KBU4A Datasheet
230Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com