Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPN05SPD2MCB Datasheet (PDF) - Europa PLC

TPN05SPD2MCB Datasheet PDF - Europa PLC
Part # TPN05SPD2MCB
Download  TPN05SPD2MCB Download
File Size   745.95 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description TPN 3 Phase Boards (125A) inc. TYPE 2 SPD and MCB PREWIRED

TPN05SPD2MCB Datasheet (PDF)

Go To PDF Page Download Datasheet
TPN05SPD2MCB Datasheet PDF - Europa PLC

Part # TPN05SPD2MCB
Download  TPN05SPD2MCB Click to download

File Size   745.95 Kbytes
Page   2 Pages
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC
Description TPN 3 Phase Boards (125A) inc. TYPE 2 SPD and MCB PREWIRED

TPN05SPD2MCB Datasheet (HTML) - Europa PLC


TPN05SPD2MCB Product details

• Pre wired with 125a 4P Mainswitch
• 63A MCB for local isolation of Type 2 Mersen SPD
• For commercial and industrial applications
• Key-release door for added protection
• Top and bottom 1mm thick gland plates allow easy access into the
board




Similar Part No. - TPN05SPD2MCB

ManufacturerPart #DatasheetDescription
logo
Europa PLC
TPN05SPD12M EUROPA-TPN05SPD12M Datasheet
629Kb / 2P
TPN 3 PHASE BOARDS (125A) inc. TYPE 1/2 SPD and ISOLATOR PREWIRED
More results


Similar Description - TPN05SPD2MCB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM163007 MICROCHIP-DM163007 Datasheet
83Kb / 2P
PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
logo
Schneider Electric
SSP01XDSE10A SCHNEIDER-SSP01XDSE10A Datasheet
136Kb / 2P
SPD - XDSE Type 2 - 120/240V - 1PH - 3 Wire - 100kA
Apr 16, 2020
SSP01XDSE15A SCHNEIDER-SSP01XDSE15A Datasheet
136Kb / 2P
SPD - XDSE Type 2 - 120/240V - 1PH - 3 Wire - 150kA
Apr 16, 2020
SSP01XDSE20A SCHNEIDER-SSP01XDSE20A Datasheet
136Kb / 2P
SPD - XDSE Type 2 - 120/240V - 1PH - 3 Wire - 200kA
Apr 16, 2020
SSP05XDSE10A SCHNEIDER-SSP05XDSE10A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 100kA
SSP05XDSE15A SCHNEIDER-SSP05XDSE15A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 150kA
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE10A SCHNEIDER-SSP06XDSE10A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 240V Delta - 3PH - 3 Wire - 100kA
SSP06XDSE15A SCHNEIDER-SSP06XDSE15A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 240V Delta - 3PH - 3 Wire - 150kA
SSP09XDSE10A SCHNEIDER-SSP09XDSE10A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 600V Delta - 3PH - 3 Wire - 100kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com