Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT399T Datasheet (PDF) - Texas Instruments

CY74FCT399T Datasheet PDF - Texas Instruments
Part # CY74FCT399T
Download  CY74FCT399T Download
File Size   884.57 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD 2-INPUT REGISTER

CY74FCT399T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT399T Datasheet PDF - Texas Instruments

Part # CY74FCT399T
Download  CY74FCT399T Click to download

File Size   884.57 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD 2-INPUT REGISTER

CY74FCT399T Datasheet (HTML) - Texas Instruments


CY74FCT399T Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Fully Compatible With TTL Input and
Output Logic Levels
64-mA Output Sink Current
32-mA Output Source Current

description
The CY74FCT399T is a high-speed quad 2-input register that selects four bits of data from either of two sources
(ports) under control of a common select (S) input. Selected data are transferred to a 4-bit output register
synchronous with the low-to-high transition of the clock (CP) input. The 4-bit D-type output register is fully edge
triggered. The data inputs (I0X, I1X) and S input must be stable only one setup time prior to, and hold time after,
the low-to-high transition of CP for predictable operation. The CY74FCT399T has noninverted outputs.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT399T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT399T TI-CY74FCT399T Datasheet
262Kb / 10P
Quad 2-Input Register
CY74FCT399TSOIC TI-CY74FCT399TSOIC Datasheet
262Kb / 10P
Quad 2-Input Register
More results


Similar Description - CY74FCT399T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
Quad 2-Port Register
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
Quad 2-Port Register
logo
Texas Instruments
CY74FCT399T TI-CY74FCT399T Datasheet
262Kb / 10P
Quad 2-Input Register
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
Quad 2-Port Register
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
Quad 2-Port Register
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
QUAD 2-PORT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com