Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7573 Datasheet (PDF) - Texas Instruments

DAC7573 Datasheet PDF - Texas Instruments
Part # DAC7573
Download  DAC7573 Download
File Size   923.14 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC7573 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7573 Datasheet PDF - Texas Instruments

Part # DAC7573
Download  DAC7573 Click to download

File Size   923.14 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC7573 Datasheet (HTML) - Texas Instruments


DAC7573 Product details

FEATURES
· Micropower Operation: 600 μA at 5 V VDD
· Power-On Reset to Zero
· +2.7-V to +5.5-V Analog Power Supply
· 12-Bit Monotonic
· I2C™ Interface up to 3.4 Mbps
· Data Transmit Capability
· On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
· Double-Buffered Input Register
· Address Support for up to Sixteen DAC7573s
· Synchronous Update Support for up to 64
Channels
· Operation From –40°C to 105°C
· Small 16 Lead TSSOP Package

APPLICATIONS
· Process Control
· Data Acquisition Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC7573 is a low-power, quad channel, 12-bit
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved. The DAC7573 utilizes an I2C compatible
two wire serial interface supporting high-speed
interface mode with address support of up to sixteen
DAC7573s for a total of 64 channels on the bus.
The DAC7573 requires an external reference voltage
to set the output range of the DAC. The DAC7573
incorporates a power-on-reset circuit that ensures
that the DAC output powers up at zero volts and
remains there until a valid write takes place in the
device. The DAC7573 contains a power-down feature,
accessed via the internal control register, that
reduces the current consumption of the device to 200
nA at 5 V.
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
operated equipment. The power consumption is less
than 3 mW at VDD=5 V reducing to 1 μW in
power-down mode.
The DAC7573 is available in a 16-lead TSSOP
package.




Similar Part No. - DAC7573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI-DAC7573 Datasheet
323Kb / 26P
This document contains the following chapters
DAC7573 TI2-DAC7573 Datasheet
923Kb / 37P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2003
DAC7573IPW TI-DAC7573IPW Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPW TI-DAC7573IPW Datasheet
323Kb / 26P
This document contains the following chapters
More results


Similar Description - DAC7573

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI1-DAC6573_16 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com