Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8550 Datasheet (PDF) - Texas Instruments

DAC8550 Datasheet PDF - Texas Instruments
Part # DAC8550
Download  DAC8550 Download
File Size   937.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8550 16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter

DAC8550 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8550 Datasheet PDF - Texas Instruments

Part # DAC8550
Download  DAC8550 Click to download

File Size   937.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8550 16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter

DAC8550 Datasheet (HTML) - Texas Instruments


DAC8550 Product details

1 Features
1• Relative Accuracy: 8 LSB
• Glitch Energy: 0.1 nV-s
• MicroPower Operation: 140 μA at 2.7 V
• Power-On Reset to Midscale
• Power Supply: 2.7 V to 5.5 V
• 16-Bit Monotonic
• Settling Time: 10 μs to ±0.003% FSR
• Low-Power Serial Interface with Schmitt-Triggered
Inputs
• On-Chip Output Buffer Amplifier with Rail-to-Rail
Output Amplifier
• Power-Down Capability
• 2's Complement Input
• SYNC Interrupt Facility
• Drop-In Compatible with DAC8531/01 and
DAC8551 (Binary Input)
• Available in a Tiny MSOP-8 Package

2 Applications
• Process Control
• Data Acquisition Systems
• Closed-Loop Servo-Control
• PC Peripherals
• Portable Instrumentation
• Programmable Attenuation

3 Description
The DAC8550 is a small, low-power, voltage output,
16-bit digital-to-analog converter (DAC). It is
monotonic, provides good linearity, and minimizes
undesired code-to-code transient voltages. The
DAC8550 uses a versatile, 3-wire serial interface that
operates at clock rates of up to 30 MHz and is
compatible with standard SPI™, QSPI™,
Microwire™, and digital signal processor (DSP)
interfaces.
The DAC8550 requires an external reference voltage
to set its output range. The DAC8550 incorporates a
power-on reset circuit that ensures that the DAC
output powers up at midscale and remains there until
a valid write takes place to the device. The DAC8550
contains a power-down feature, accessed over the
serial interface, that reduces the current consumption
of the device to 200 nA at 5 V.
The low-power consumption of this device in normal
operation makes it ideal for portable, battery-operated
equipment. Power consumption is 0.38 mW at 2.7 V,
reducing to less than 1 μW in power-down mode.
The DAC8550 is available in an MSOP-8 package.
For additional flexibilty, see the DAC8551, a binarycoded
counterpart to the DAC8550.




Similar Part No. - DAC8550

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results


Similar Description - DAC8550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com