Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8816 Datasheet (PDF) - Texas Instruments

DRV8816 Datasheet PDF - Texas Instruments
Part # DRV8816
Download  DRV8816 Download
File Size   878.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers

DRV8816 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8816 Datasheet PDF - Texas Instruments

Part # DRV8816
Download  DRV8816 Click to download

File Size   878.32 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers

DRV8816 Datasheet (HTML) - Texas Instruments


DRV8816 Product details

1 Features
1• H-Bridge Motor Driver Individual
– Drives a DC Motor or Other Loads
– Low RDS(on) MOSFETs (0.4-Ω TYP)
• Low-Power Sleep Mode
• 100% PWM Supported
• 8- to 38-V Operating Supply Voltage Range
• Thermally Enhanced Surface Mount Package
• Configurable Overcurrent Limit
• Protection Features
– VBB Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Short-to-Supply Protection (STS)
– Short-to-Ground Protection (STG)
– Overtemperature Warning (OTW)
– Overtemperature Shutdown (OTS)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Printers
• Industrial Automation
• Robotics
• Motorized Levers

3 Description
The DRV8816 provides a versatile power driver
solution with two independent ½-H bridge drivers.
The device can drive one brushed DC motor or one
winding of a stepper motor, as well as other devices
like solenoids. A simple INx/ENx interface allows
easy interfacing to controller circuits.
The output stages use N-channel power MOSFETs
configured as ½-H-bridges. The DRV8816 is capable
of peak output currents up to ±2.8 A and operating
voltages up to 38 V. An internal charge pump
generates needed gate drive voltages.
A low-power sleep mode is provided which shuts
down internal circuitry to achieve very-low quiescent
current draw. This sleep mode can be set using a
dedicated nSLEEP pin.
Internal protection functions are provided for UVLO,
charge pump fault, OCP, short-to-supply protection,
short-to-ground protection, overtemperature warning,
and overtemperature shutdown. Fault conditions are
indicated through a nFAULT pin
The DRV8816 is packaged in a 16-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br)




Similar Part No. - DRV8816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8816 TI1-DRV8816 Datasheet
836Kb / 17P
DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWP TI1-DRV8816PWP Datasheet
836Kb / 17P
DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816PWP TI1-DRV8816PWP Datasheet
861Kb / 17P
DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816PWP TI1-DRV8816PWP Datasheet
1Mb / 27P
DMOS Dual 1/2-H-Bridge Motor Drivers
More results


Similar Description - DRV8816

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2993 ALLEGRO-2993 Datasheet
116Kb / 8P
DUAL H-BRIDGE MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8816PWPR TI1-DRV8816PWPR Datasheet
836Kb / 17P
DMOS DUAL 쩍-H-BRIDGE MOTOR DRIVERS
DRV8816 TI1-DRV8816 Datasheet
861Kb / 17P
DMOS DUAL 1/2-H-BRIDGE MOTOR DRIVERS
DRV8816 TI-DRV8816_15 Datasheet
985Kb / 27P
DRV8816 DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
DMOS Full-Bridge Motor Drivers
DRV8816 TI1-DRV8816_15 Datasheet
1Mb / 27P
DMOS Dual 1/2-H-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
DMOS Full-Bridge Motor Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com