Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV632 Datasheet (PDF) - Texas Instruments

DRV632 Datasheet PDF - Texas Instruments
Part # DRV632
Download  DRV632 Download
File Size   840.47 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV612 2-Vrms DirectPath™ Line Driver With Programmable-Fixed Gain

DRV632 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV632 Datasheet PDF - Texas Instruments

Part # DRV632
Download  DRV632 Click to download

File Size   840.47 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV612 2-Vrms DirectPath™ Line Driver With Programmable-Fixed Gain

DRV632 Datasheet (HTML) - Texas Instruments


DRV632 Product details

1 Features
• DirectPath™
– Eliminates Pops and Clicks
– Eliminates Output DC-Blocking Capacitors
– 3-V to 3.6-V Supply Voltage
• Low Noise and THD
– SNR > 105 dB at –1× Gain
– Vn < 12 μVms, 20 Hz to 20 kHz at –1× Gain
(Typical)
– THD+N < 0.003% at 10-kΩ Load and –1× Gain
• 2-Vrms Output Voltage Into 600-Ω Load
• Single-Ended Input and Output
• Programmable Gain Select Reduces Component
Count
– 13× Gain Values
• Active Mute With More Than 80-dB Attenuation
• Short-Circuit and Thermal Protection
• ±8-kV HBM ESD-Protected Outputs

2 Applications
• PDP and LCD TVs
• DVD Players
• Mini and Micro Combo Systems
• Soundcards

3 Description
The DRV612 is a single-ended, 2-Vrms stereo line
driver designed to reduce component count, board
space, and cost. It is ideal for single-supply
electronics where size and cost are critical design
parameters.
The DRV612 does not require a power supply greater
than 3.3 V to generate its 5.6-VPP output, nor does it
require a split-rail power supply.
The DRV612 device is designed using TI’s patented
DirectPath technology, which integrates a charge
pump to generate a negative supply rail that provides
a clean, pop-free ground-biased output. The DRV612
is capable of driving 2 Vms into a 600-Ω load.
DirectPath technology also allows the removal of the
costly output dc-blocking capacitors.
The device has fixed-gain single-ended inputs with a
gain-select pin. Using a single resistor on this pin, the
designer can choose from 13 internal programmable
gain settings to match the line driver with the codec
output level. The device also reduces the component
count and board space.
Line outputs have ±8-kV HBM ESD protection,
enabling a simple ESD protection circuit. The
DRV612 has built-in active mute control with more
that 80-dB attenuation for pop-free mute on/off
control.
The DRV612 is available in a 14-pin TSSOP and 16-
pin VQFN. For a footprint-compatible stereo
headphone driver, see the TPA6139A2.




Similar Part No. - DRV632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
Audio Line Driver With Adjustable Gain
DRV632 TI2-DRV632 Datasheet
482Kb / 24P
DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
REVISED AUGUST 2019
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI-DRV632PW Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Similar Description - DRV632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com