Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP383 Datasheet (PDF) - Toshiba Semiconductor

TLP383 Datasheet PDF - Toshiba Semiconductor
Part # TLP383
Download  TLP383 Download
File Size   2436.02 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description InGaAs Infrared LED & Photo Transistor

TLP383 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP383 Datasheet PDF - Toshiba Semiconductor

Part # TLP383
Download  TLP383 Click to download

File Size   2436.02 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description InGaAs Infrared LED & Photo Transistor

TLP383 Datasheet (HTML) - Toshiba Semiconductor


TLP383 Product details

1. Applications
- Programmable Logic Controllers (PLCs)
- AC Adapters
- VO Interface Boards

2. General
TLP383 is a photocoupler of low input and high isolation type that consists of phototransistor optically coupled to InGaAs infrared emitting diode in a 4-pin SO6L package. TLP383 is guaranteed high isolation voltage (5000 Vrms) and wide operating temperature range (Ta = -55 to 125 °C).Since TLP383 has a small and thin package compared with a standard DIP package, it is suitable for high-density surface mounting applications such as programmable controllers.

3. Features
(1) Collector-emitter voltage: 80 V (min)
(2) Current transfer ratio: 50 % (min) GB Rank: 100 % (min)
(3) Isolation voltage: 5000 Vrms (min)
(4) Operating temperature: *55 to 125 °C
(5) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1, EN62368-1 (Pending) (Note 1)
CQC-approved: GB4943.1, GB8898 Thailand Factory
Note 1: When a VDE approved type is needed, please designate the Option (D4).




Similar Part No. - TLP383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3823 TOSHIBA-TLP3823 Datasheet
418Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.5.0
TLP3823F TOSHIBA-TLP3823F Datasheet
418Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.5.0
TLP3825 TOSHIBA-TLP3825 Datasheet
419Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.6.0
TLP3825F TOSHIBA-TLP3825F Datasheet
419Kb / 15P
Photocouplers Photorelay
2020-03-23 Rev.6.0
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
Infrared LED & Photo Transistor
More results


Similar Description - TLP383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
20-Mar-2002
TLP853 TOSHIBA-TLP853 Datasheet
373Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR
04-Apr-2002
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
Infrared LED & Photo Transistor
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
Rev.1.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com