Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD122DMXR.B Datasheet (PDF) - Texas Instruments

ESD122DMXR.B Datasheet PDF - Texas Instruments
Part # ESD122DMXR.B
Download  ESD122DMXR.B Download
File Size   918.43 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD122 2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0

ESD122DMXR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD122DMXR.B Datasheet PDF - Texas Instruments

Part # ESD122DMXR.B
Download  ESD122DMXR.B Click to download

File Size   918.43 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD122 2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0

ESD122DMXR.B Datasheet (HTML) - Texas Instruments


ESD122DMXR.B Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±17-kV Contact Discharge
– ±17-kV Air Gap Discharge
• Withstands over 10,000 ESD strikes per IEC
61000-4-2 Level 4 (Contact) without any
performance degradation
• IEC 61000-4-4 EFT Protection
– 80 A (5/50 ns)
• IEC 61000-4-5 Surge Protection
– 2.5 A (8/20 μs)
• Low IO Capacitance
– 0.1 pF (Typical) between IOs
– 0.2 pF (Typical) IO to GND
• DC Breakdown Voltage: 5.1 V (Minimum)
• Ultra Low Leakage Current: 10 nA (Maximum)
• Low ESD Clamping Voltage: 8.4 V at 5-A TLP
• Supports High Speed Interfaces that exceed 10
Gbps
• Industrial Temperature Range: –40°C to +125°C
• Type C Friendly Two Channel Flow-Through
Routing Package
• Pin-out to suit symmetric differential high-speed
signal routing
• Two Different Package Options
– 0402 Package, 0.6 mm × 1 mm, 0.34-mm
Pitch
– 0502 Package, 0.6 mm × 1.32 mm, 0.5-mm
Pitch

2 Applications
• End Equipment
– Mobile and Tablets
– Laptops and Desktops
– Set-Top Boxes
– TV and Monitors
– Servers
• Interfaces
– USB Type-C
– HDMI 2.0/1.4
– USB 3.1 Gen 2/Gen1, USB 3.0, and USB 2.0
– Thunderbolt-1 and Thunderbolt-2
– Display Port 1.3
– PCI Express 3.0
– SATA

3 Description
The ESD122 is a bidirectional TVS ESD protection
diode array for USB Type-C and HDMI 2.0 circuit
protection. The ESD122 is rated to dissipate contact
ESD strikes at the maximum level specified in the
IEC 61000-4-2 international standard (17-kV Contact,
17-kV Air-gap).
This device features a low IO capacitance per
channel and pin-out to suit symmetric differential
high-speed signal routing making it ideal for
protecting high-speed interfaces up to 10 Gbps such
as USB 3.1 Gen2 and HDMI 2.0. The low dynamic
resistance and low clamping voltage ensure system
level protection against transient events.
Additionally, the ESD122 is an ideal ESD solution for
the USB Type-C Tx/Rx lines. Since the USB Type-C
connector has two layers, using 4-channel ESD
devices require VIAs which degrade the signal
integrity. Using four ESD122 (2-Ch) devices minimize
the number of VIAs and simply the board layout.
The ESD122 is offered in two easy routing flow
through packages.




Similar Part No. - ESD122DMXR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD122DMXR TI1-ESD122DMXR Datasheet
1Mb / 28P
2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results


Similar Description - ESD122DMXR.B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
8-Channel ESD Protection for DisplayPort and HDMI
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com