Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2134PA Datasheet (PDF) - Texas Instruments

INA2134PA Datasheet PDF - Texas Instruments
Part # INA2134PA
Download  INA2134PA Download
File Size   834.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G = 1)

INA2134PA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA2134PA Datasheet PDF - Texas Instruments

Part # INA2134PA
Download  INA2134PA Click to download

File Size   834.46 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G = 1)

INA2134PA Datasheet (HTML) - Texas Instruments


INA2134PA Product details

FEATURES
SINGLE AND DUAL VERSIONS
LOW DISTORTION: 0.0005% at f = 1kHz
HIGH SLEW RATE: 14V/ms
FAST SETTLING TIME: 3ms to 0.01%
WIDE SUPPLY RANGE: ±4V to ±18V
LOW QUIESCENT CURRENT: 2.9mA max
HIGH CMRR: 90dB
FIXED GAIN = 0dB (1V/V)
PACKAGES—SINGLE: 8-PIN DIP, SO-8
DUAL: 14-PIN DIP, SO-14

APPLICATIONS
AUDIO DIFFERENTIAL LINE RECEIVER
SUMMING AMPLIFIER
UNITY-GAIN INVERTING AMPLIFIER
PSUEDOGROUND GENERATOR
INSTRUMENTATION BUILDING BLOCK
CURRENT SHUNT MONITOR
VOLTAGE-CONTROLLED CURRENT
SOURCE
GROUND LOOP ELIMINATOR

DESCRIPTION
The INA134 and INA2134 are differential line receivers
consisting of high performance op amps with onchip
precision resistors. They are fully specified for
high performance audio applications and have excellent
ac specifications, including low distortion
(0.0005% at 1kHz) and high slew rate (14V/ms), assuring
good dynamic response. In addition, wide output
voltage swing and high output drive capability allow
use in a wide variety of demanding applications. The
dual version features completely independent circuitry
for lowest crosstalk and freedom from interaction,
even when overdriven or overloaded.
The INA134 and INA2134 on-chip resistors are laser
trimmed for accurate gain and optimum
common-mode rejection. Furthermore, excellent TCR
tracking of the resistors maintains gain accuracy and
common-mode rejection over temperature. Operation
is guaranteed from ±4V to ±18V (8V to 36V total
supply).
The INA134 is available in 8-pin DIP and SO-8
surface-mount packages. The INA2134 comes in
14-pin DIP and SO-14 surface-mount packages. Both
are specified for operation over the extended industrial
temperature range, –40°C to +85°C.




Similar Part No. - INA2134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2134PA BURR-BROWN-INA2134PA Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA2134PA BURR-BROWN-INA2134PA Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
Texas Instruments
INA2134PA TI1-INA2134PA Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
INA2134PAG4 TI1-INA2134PAG4 Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
More results


Similar Description - INA2134PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
INA134 TI1-INA134 Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com