Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF15376 Datasheet (PDF) - Microchip Technology

PIC16LF15376 Datasheet PDF - Microchip Technology
Part # PIC16LF15376
Download  PIC16LF15376 Download
File Size   9566.86 Kbytes
Page   517 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 8/14-Pin Microcontrollers

PIC16LF15376 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF15376 Datasheet PDF - Microchip Technology

Part # PIC16LF15376
Download  PIC16LF15376 Click to download

File Size   9566.86 Kbytes
Page   517 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 8/14-Pin Microcontrollers

PIC16LF15376 Datasheet (HTML) - Microchip Technology


PIC16LF15376 Product details

Description
PIC16(L)F15313/23 microcontrollers feature Analog, Core Independent Peripherals and Communication Peripherals, combined with eXtreme Low-Power (XLP) technology for a wide range of general purpose and low-power applications.
The devices feature multiple PWMs, multiple communication, temperature sensor, and memory features like Memory Access Partition (MAP) to support customers in data protection and bootloader applications, and Device Information Area (DIA) which stores factory calibration values to help improve temperature sensor accuracy.

Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Timers:
- 8-bit Timer2 with Hardware Limit Timer (HLT)
- 16-bit Timer0/1
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRTE)
• Brown-out Reset (BOR)
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or software
• Programmable Code Protection




Similar Part No. - PIC16LF15376

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF15376 MICROCHIP-PIC16LF15376 Datasheet
9Mb / 518P
Full-Featured 28-Pin Microcontrollers
06/23/16
PIC16LF15376 MICROCHIP-PIC16LF15376 Datasheet
9Mb / 534P
Full-Featured 14/20-Pin Microcontrollers
11/07/16
PIC16LF15376-E/MLQTP MICROCHIP-PIC16LF15376-E/MLQTP Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16LF15376-E/MLSQTP MICROCHIP-PIC16LF15376-E/MLSQTP Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16LF15376-E/MVQTP MICROCHIP-PIC16LF15376-E/MVQTP Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
More results


Similar Description - PIC16LF15376

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
7Mb / 420P
PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
Rev. A 04/2020
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15325 MICROCHIP-PIC16F15325 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F17126 MICROCHIP-PIC16F17126 Datasheet
12Mb / 652P
PIC16F17126/46 Full-Featured 14/20-Pin Microcontrollers
Doc. Rev. C Date 03/2022
PIC16F18114 MICROCHIP-PIC16F18114 Datasheet
12Mb / 652P
PIC16F18114/15/24/25/44/45 Full-Featured 8/14/20-Pin Microcontrollers
Doc. Rev. A Date 03/2022
PIC16F18126 MICROCHIP-PIC16F18126 Datasheet
12Mb / 639P
PIC16F18126/46 Full-Featured 14/20-Pin Microcontrollers
Doc. Rev. C Date 03/2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com