Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF444 Datasheet (PDF) - Texas Instruments

LF444 Datasheet PDF - Texas Instruments
Part # LF444
Download  LF444 Download
File Size   924.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF444 Quad Low Power JFET Input Operational Amplifier

LF444 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF444 Datasheet PDF - Texas Instruments

Part # LF444
Download  LF444 Click to download

File Size   924.72 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF444 Quad Low Power JFET Input Operational Amplifier

LF444 Datasheet (HTML) - Texas Instruments


LF444 Product details

1FEATURES
23• ¼ Supply Current of a LM148: 200 μA/Amplifier
(max)
• Low Input Bias Current: 50 pA (max)
• High Gain Bandwidth: 1 MHz
• High Slew Rate: 1 V/μs
• Low Noise Voltage for Low Power 35 nV/√Hz
• Low Input Noise Current 0.01 pA/√Hz
• High Input Impedance: 1012Ω
• High Gain: 50k (min)

DESCRIPTION
The LF444 quad low power operational amplifier
provides many of the same AC characteristics as the
industry standard LM148 while greatly improving the
DC characteristics of the LM148. The amplifier has
the same bandwidth, slew rate, and gain (10 kΩ load)
as the LM148 and only draws one fourth the supply
current of the LM148. In addition the well matched
high voltage JFET input devices of the LF444 reduce
the input bias and offset currents by a factor of
10,000 over the LM148. The LF444 also has a very
low equivalent input noise voltage for a low power amplifier.
The LF444 is pin compatible with the LM148 allowing
an immediate 4 times reduction in power drain in
many applications. The LF444 should be used
wherever low power dissipation and good electrical
characteristics are the major considerations.




Similar Part No. - LF444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
logo
SYC Electronica
LF444 SYC-LF444 Datasheet
445Kb / 12P
Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF444883 TI1-LF444883 Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444ACN NSC-LF444ACN Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
More results


Similar Description - LF444

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
Dual Low Power JFET Input Operational Amplifier
LF444 NSC-LF444 Datasheet
359Kb / 10P
Quad Low Power JFET Input Operational Amplifier
logo
NTE Electronics
NTE859 NTE-NTE859 Datasheet
30Kb / 3P
Integrated Circuit Quad, Low Noise, JFET Input Operational Amplifier
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
logo
Texas Instruments
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
LF444QML Quad Low Power JFET Input Operational Amplifier
LF444CMX TI1-LF444CMX Datasheet
1Mb / 18P
LF444 Quad Low Power JFET Input Operational Ampli
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
Dual Low Power JFET Input Operational Amplifier
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com