Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2727 Datasheet (PDF) - Texas Instruments

LM2727 Datasheet PDF - Texas Instruments
Part # LM2727
Download  LM2727 Download
File Size   948.94 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

LM2727 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2727 Datasheet PDF - Texas Instruments

Part # LM2727
Download  LM2727 Click to download

File Size   948.94 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

LM2727 Datasheet (HTML) - Texas Instruments


LM2727 Product details

1FEATURES
2• Input Power from 2.2V to 16V
• Output Voltage Adjustable Down to 0.6V
• Power Good flag, Adjustable Soft-Start and
Output Enable for Easy Power Sequencing
• Output Over-Voltage and Under-Voltage Latch-
Off (LM2727)
• Output Over-Voltage and Under-Voltage Flag
(LM2737)
• Reference Accuracy: 1.5% (0°C - 125°C)
• Current Limit Without Sense Resistor
• Soft Start
• Switching Frequency from 50 kHz to 2 MHz
• TSSOP-14 Package

APPLICATIONS
• Cable Modems
• Set-Top Boxes/ Home Gateways
• DDR Core Power
• High-Efficiency Distributed Power
• Local Regulation of Core Power

DESCRIPTION
The LM2727 and LM2737 are high-speed,
synchronous, switching regulator controllers. They
are intended to control currents of 0.7A to 20A with
up to 95% conversion efficiencies. The LM2727
employs output over-voltage and under-voltage latch-
off. For applications where latch-off is not desired, the
LM2737 can be used. Power up and down
sequencing is achieved with the power-good flag,
adjustable soft-start and output enable features. The
LM2737 and LM2737 operate from a low-current 5V
bias and can convert from a 2.2V to 16V power rail.
Both parts utilize a fixed-frequency, voltage-mode,
PWM control architecture and the switching
frequency is adjustable from 50kHz to 2MHz by
adjusting the value of an external resistor. Current
limit is achieved by monitoring the voltage drop
across the on-resistance of the low-side MOSFET,
which enhances low duty-cycle operation. The wide range of operating frequencies gives the power
supply designer the flexibility to fine-tune component
size, cost, noise and efficiency. The adaptive, nonoverlapping
MOSFET gate-drivers and high-side
bootstrap structure helps to further maximize
efficiency. The high-side power FET drain voltage can
be from 2.2V to 16V and the output voltage is
adjustable down to 0.6V.




Similar Part No. - LM2727

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI1-LM2727 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Similar Description - LM2727

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com