Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3302D Datasheet (PDF) - Texas Instruments

LM3302D Datasheet PDF - Texas Instruments
Part # LM3302D
Download  LM3302D Download
File Size   981.38 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3302 Quad Differential Comparator

LM3302D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3302D Datasheet PDF - Texas Instruments

Part # LM3302D
Download  LM3302D Click to download

File Size   981.38 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3302 Quad Differential Comparator

LM3302D Datasheet (HTML) - Texas Instruments


LM3302D Product details

1 Features
• Single supply or dual supplies
• Wide range of supply voltage . . . 2V to 28V
• Low supply-current drain independent of supply
voltage . . . 0.8mA typical
• Low input bias current . . . 25nA typical
• Low input offset current . . . 3nA typical
• Low input offset voltage . . . 3mV typical
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximumrated
supply voltage: ±28V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
• For wider temperature range, see the LM2901
• For single version, see the TL331
• For dual version, see the LM393 or LM2903

2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Applicances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster

3 Description
This device consists of four independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Operation from dual supplies also is possible as
long as the difference between the two supplies is
2V to 28V and VCC is a least 1.5V more positive
than the input common-mode voltage. Current drain
is independent of the supply voltage. The outputs
can be connected to other open-collector outputs to
achieve wired-AND relationships.




Similar Part No. - LM3302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3302D TI1-LM3302D Datasheet
791Kb / 12P
Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
LM3302DR TI1-LM3302DR Datasheet
791Kb / 12P
Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
LM3302DRE4 TI1-LM3302DRE4 Datasheet
791Kb / 12P
Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
LM3302DRG4 TI1-LM3302DRG4 Datasheet
791Kb / 12P
Single Supply or Dual Supplies Low Supply-Current Drain Independent of Supply Voltage
More results


Similar Description - LM3302D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com