Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285LPR-2-5 Datasheet (PDF) - Texas Instruments

LM285LPR-2-5 Datasheet PDF - Texas Instruments
Part # LM285LPR-2-5
Download  LM285LPR-2-5 Download
File Size   981.0 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx85-2.5, LM385B-2.5 Micropower Voltage References

LM285LPR-2-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM285LPR-2-5 Datasheet PDF - Texas Instruments

Part # LM285LPR-2-5
Download  LM285LPR-2-5 Click to download

File Size   981.0 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx85-2.5, LM385B-2.5 Micropower Voltage References

LM285LPR-2-5 Datasheet (HTML) - Texas Instruments


LM285LPR-2-5 Product details

1 Features
1• Operating Current Range 20 μA to 20 mA
• 1.5% and 3% Initial Voltage Tolerance
• Reference Impedance
– LM385 1 Ω Maximum at 25°C
– All Devices 1.5 Ω Maximum Over Full
Temperature Range
• Very Low Power Consumption

2 Applications
• Portable Meter References
• Portable Test Instruments
• Battery-Operated Systems
• Current-Loop Instrumentation
• Panel Meters

3 Description
The LMx85-2.5 and LM385B are micropower, twoterminal,
band-gap voltage references that operate
over a 20-μA to 20-mA current range and feature
exceptionally low dynamic impedance and good
temperature stability. On-chip trimming provides tight
voltage tolerance. The band-gap reference for these
devices has low noise and long-term stability.
The design makes these devices exceptionally
tolerant of capacitive loading and, thus, easier to use
in most reference applications. The wide dynamic
operating temperature range accommodates varying
current supplies, with excellent regulation.
The extremely low power drain of this series makes
these devices useful for micropower circuitry. These
voltage references can be used to make portable
meters, regulators, or general-purpose analog
circuitry, with battery life approaching shelf life. The
wide operating current range of these voltage
references allows them to replace older references
with tighter-tolerance parts.




Similar Part No. - LM285LPR-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285LPR-2-5 TI-LM285LPR-2-5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM285LPR-2-5 TI-LM285LPR-2-5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LM285LPR-2-5 TI1-LM285LPR-2-5 Datasheet
651Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285LPR-2-5 TI-LM285LPR-2-5 Datasheet
670Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285LPR-2-5 TI1-LM285LPR-2-5 Datasheet
1Mb / 25P
Micropower Voltage References
More results


Similar Description - LM285LPR-2-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1582 AD-AD1582 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
logo
Texas Instruments
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
logo
Analog Devices
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com