Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34CAH.B Datasheet (PDF) - Texas Instruments

LM34CAH.B Datasheet PDF - Texas Instruments
Part # LM34CAH.B
Download  LM34CAH.B Download
File Size   893.82 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34 Precision Fahrenheit Temperature Sensors

LM34CAH.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM34CAH.B Datasheet PDF - Texas Instruments

Part # LM34CAH.B
Download  LM34CAH.B Click to download

File Size   893.82 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34 Precision Fahrenheit Temperature Sensors

LM34CAH.B Datasheet (HTML) - Texas Instruments


LM34CAH.B Product details

1 Features
1• Calibrated Directly in Degrees Fahrenheit
• Linear 10.0 mV/°F Scale Factor
• 1.0°F Accuracy Assured (at 77°F)
• Rated for Full −50° to 300°F Range
• Suitable for Remote Applications
• Low Cost Due to Wafer-Level Trimming
• Operates From 5 to 30 Volts
• Less Than 90-μA Current Drain
• Low Self-Heating, 0.18°F in Still Air
• Nonlinearity Only ±0.5°F Typical
• Low-Impedance Output, 0.4 Ω for 1-mA Load

2 Applications
• Power Supplies
• Battery Management
•HVAC
• Appliances

3 Description
The LM34 series devices are precision integrated-
circuit temperature sensors, whose output voltage is linearly proportional to the Fahrenheit temperature.
The LM34 device has an advantage over linear
temperature sensors calibrated in degrees Kelvin,
because the user is not required to subtract a large constant voltage from its output to obtain convenient
Fahrenheit scaling. The LM34 device does not
require any external calibration or trimming to provide
typical accuracies of ±1/2°F at room temperature and
±1-1⁄2°F over a full −50°F to 300°F temperature range. Lower cost is assured by trimming and
calibration at the wafer level. The low output
impedance, linear output, and precise inherent
calibration of the LM34 device makes interfacing to
readout or control circuitry especially easy. It can be used with single power supplies or with plus and
minus supplies. Because the LM34 device draws only
75 μA from its supply, the device has very low self•
heating, less than 0.2°F in still air.
The LM34 device is rated to operate over a −50°F to
300°F temperature range, while the LM34C is rated
for a −40°F to 230°F range (0°F with improved
accuracy). The LM34 devices are series is available
packaged in hermetic TO-46 transistor packages;
while the LM34C, LM34CA, and LM34D are available
in the plastic TO-92 transistor package. The LM34D
device is available in an 8-lead, surface-mount, smalloutline
package. The LM34 device is a complement
to the LM35 device (Centigrade) temperature sensor.




Similar Part No. - LM34CAH.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34CAH NSC-LM34CAH Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
LM34CAH NSC-LM34CAH Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34CAH TI1-LM34CAH Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
LM34CAH/NOPB TI1-LM34CAH/NOPB Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
More results


Similar Description - LM34CAH.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM34 TI-LM34_15 Datasheet
307Kb / 19P
LM34 Precision Fahrenheit Temperature Sensors
LM34 TI1-LM34 Datasheet
508Kb / 23P
Precision Fahrenheit Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com