Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM136-2.5-N Datasheet (PDF) - Texas Instruments

LM136-2.5-N Datasheet PDF - Texas Instruments
Part # LM136-2.5-N
Download  LM136-2.5-N Download
File Size   934.91 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM136-2.5-N, LM236-2.5-N, LM336-2.5-NV Reference Diode

LM136-2.5-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LM136-2.5-N Datasheet PDF - Texas Instruments

Part # LM136-2.5-N
Download  LM136-2.5-N Click to download

File Size   934.91 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM136-2.5-N, LM236-2.5-N, LM336-2.5-NV Reference Diode

LM136-2.5-N Datasheet (HTML) - Texas Instruments


LM136-2.5-N Product details

1FEATURES
2• Low Temperature Coefficient
• Wide Operating Current of 400 μA to 10 mA
• 0.2Ω Dynamic Impedance
• ±1% Initial Tolerance Available
• Specified Temperature Stability
• Easily Trimmed for Minimum Temperature Drift
• Fast Turn-On

DESCRIPTION
The LM136-2.5-N/LM236-2.5-N and LM336-2.5-N
integrated circuits are precision 2.5V shunt regulator
diodes. These monolithic IC voltage references
operate as a low-temperature-coefficient 2.5V zener
with 0.2Ω dynamic impedance. A third terminal on the
LM136-2.5-N allows the reference voltage and
temperature coefficient to be trimmed easily.
The LM136-2.5-N series is useful as a precision 2.5V
low voltage reference for digital voltmeters, power
supplies or op amp circuitry. The 2.5V make it
convenient to obtain a stable reference from 5V logic
supplies. Further, since the LM136-2.5-N operates as
a shunt regulator, it can be used as either a positive
or negative voltage reference.
The LM136-2.5-N is rated for operation over −55°C to
+125°C while the LM236-2.5-N is rated over a −25°C
to +85°C temperature range.
The LM336-2.5-N is rated for operation over a 0°C to
+70°C temperature range. See the connection
diagrams for available packages.




Similar Part No. - LM136-2.5-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
453Kb / 16P
Reference Diode
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
Reference Diode
More results


Similar Description - LM136-2.5-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM336M-2.5 TI1-LM336M-2.5 Datasheet
715Kb / 14P
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com