Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM57BISD-5 Datasheet (PDF) - Texas Instruments

LM57BISD-5 Datasheet PDF - Texas Instruments
Part # LM57BISD-5
Download  LM57BISD-5 Download
File Size   793.54 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor

LM57BISD-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM57BISD-5 Datasheet PDF - Texas Instruments

Part # LM57BISD-5
Download  LM57BISD-5 Click to download

File Size   793.54 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor

LM57BISD-5 Datasheet (HTML) - Texas Instruments


LM57BISD-5 Product details

1 Features
1• Qualified for Automotive Applications, for
Commercial Device See LM57 Data Sheet
• AEC-Q100 Qualified with the Following Results:
– Temperature Grade 0 Extended: −50°C to
+160°C with Excursions up to 170°C Operating
Temperature Range
– Temperature Grade 0: −50°C to +150°C
Operating Temperature Range
– Temperature Grade 1: −50°C to +125°C
Operating Temperature Range
– HBM ESD Component Classification Level 2
– CDM ESD Component Classification Level C5
• Trip Temperature Set by External Resistors with
Accuracy of ±2.3°C from −40°C to +150°C
• Resistor Tolerance Contributes Zero Error
• Push-Pull and Open-Drain Switch Outputs
• Wide Operating Temperature Range of −50°C to
160°C
• Very Linear Analog VTEMP Temp Sensor Output
with ±1.3°C Accuracy from −50°C to +150°C
• Short-Circuit Protected Analog and Digital Outputs
• Latching Function for Digital Outputs
• TRIP-TEST Pin Allows In-System Testing
• Low Power Minimizes Self-Heating to Under
0.02°C

2 Applications
• Automotive
• Down Hole and Avionics

3 Description
The LM57-Q1 device is a precision, dual-output,
temperature switch with analog temperature sensor
output for wide temperature applications such as
automotive grade. The trip temperature (TTRIP) is
selected from 256 possible values in the range of
–40°C to 160°C. The VTEMP is a class AB analog
voltage output that is proportional to temperature with
a programmable negative temperature coefficient
(NTC). Two external 1% resistors set the TTRIP and VTEMP slope. The digital and analog outputs enable
protection and monitoring of system thermal events.
Built-in thermal hysteresis (THYST) prevents the digital
outputs from oscillating. The TOVER and TOVER digital
outputs will assert when the die temperature exceeds
TTRIP and will de-assert when the temperature falls
below a temperature equal to TTRIP minus THYST.
TOVER is active-high with a push-pull structure. TOVER
is active-low with an open-drain structure. Tying TOVER to TRIP-TEST will latch the output after it trips.
The output can be cleared by forcing TRIP-TEST low.
Driving the TRIP-TEST high will assert the digital
outputs. A processor can check the state of TOVER or
TOVER , confirming they changed to an active state.
This allows for in situ verification that the comparator and output circuitry are functional after system
assembly. When TRIP-TEST is high, the trip-level
reference voltage appears at the VTEMP pin. The
system could then use this voltage to calculate the
threshold of the LM57-Q1.




Similar Part No. - LM57BISD-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM57BISD-5 NSC-LM57BISD-5 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57BISD-5/NOPB TI1-LM57BISD-5/NOPB Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Similar Description - LM57BISD-5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com