Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM837 Datasheet (PDF) - Texas Instruments

LM837 Datasheet PDF - Texas Instruments
Part # LM837
Download  LM837 Download
File Size   831.82 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM837 Low Noise Quad Operational Amplifier

LM837 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM837 Datasheet PDF - Texas Instruments

Part # LM837
Download  LM837 Click to download

File Size   831.82 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM837 Low Noise Quad Operational Amplifier

LM837 Datasheet (HTML) - Texas Instruments


LM837 Product details

1FEATURES
2• High Slew Rate 10 V/μs (typ); 8 V/μs (min)
• Wide Gain Bandwidth Product 25 MHz (typ); 15
MHz (min)
• Power Bandwidth 200 kHz (typ)
• High Output Current ±40 mA
• Excellent Output Drive Performance >600Ω
• Low Input Noise Voltage 4.5 nV/√Hz
• Low Total Harmonic Distortion 0.0015%
• Low Offset Voltage 0.3 mV

DESCRIPTION
The LM837 is a quad operational amplifier designed
for low noise, high speed and wide bandwidth
performance. It has a new type of output stage which
can drive a 600Ω load, making it ideal for almost all
digital audio, graphic equalizer, preamplifiers, and
professional audio applications. Its high performance
characteristics also make it suitable for
instrumentation applications where low noise is the
key consideration.
The LM837 is internally compensated for unity gain
operation. It is pin compatible with most other
standard quad op amps and can therefore be used to
upgrade existing systems with little or no change.




Similar Part No. - LM837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
LM837M NSC-LM837M Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Texas Instruments
LM837M TI1-LM837M Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
LM837M/NOPB TI1-LM837M/NOPB Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
More results


Similar Description - LM837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
Low Noise Quad Operational Amplifier
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
10/02-Data Sheet changed from REV. A to REV. B.
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
22-Nov-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com