Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC216MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC216MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC216MS8
Download  HMC216MS8 Download
File Size   240.02 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz

HMC216MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC216MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC216MS8
Download  HMC216MS8 Click to download

File Size   240.02 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz

HMC216MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC216MS8 Product details

General Description
The HMC216MS8 & HMC216MS8E are ultra miniature double-balanced FET mixers in 8 lead plastic surface mount packages (MSOP). This MMIC mixer is constructed of switched GaAs FETs and novel planar transformer baluns on the chip. In addition to an LO drive of +3 to +13 dBm, a gate voltage of Vgg = -0.9 to -1.6 Vdc is required. The device can be used as an upconverter or downconverter for 1900 or 2400 MHz applications. The consistent MMIC performance will improve system operation and assure regulatory compliance.

Features
    IP3 (Input): +25 dBm @ +11 dBm LO
    LO Range = +3 to +11 dBm
    Conversion Loss: 8.5 dB
    LO / RF Isolation: 32 dB

Typical Applications
The HMC216MS8 / HMC216MS8E is ideal for:
• Base Stations
• WirelessLAN
• PCMCIA
• Portable Wireless




Similar Part No. - HMC216MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8 Datasheet
176Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
More results


Similar Description - HMC216MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8 Datasheet
176Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC292LM3C HITTITE-HMC292LM3C_06 Datasheet
323Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com