Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5039SQX/NOPB.A Datasheet (PDF) - Texas Instruments

LM5039SQX/NOPB.A Datasheet PDF - Texas Instruments
Part # LM5039SQX/NOPB.A
Download  LM5039SQX/NOPB.A Download
File Size   844.66 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5039 Half-Bridge PWM Controller with Average Current Limit

LM5039SQX/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5039SQX/NOPB.A Datasheet PDF - Texas Instruments

Part # LM5039SQX/NOPB.A
Download  LM5039SQX/NOPB.A Click to download

File Size   844.66 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5039 Half-Bridge PWM Controller with Average Current Limit

LM5039SQX/NOPB.A Datasheet (HTML) - Texas Instruments


LM5039SQX/NOPB.A Product details

1FEATURES
2• 105V / 2A Half-Bridge Gate Drivers
• Synchronous Rectifier Control Outputs with
Programmable Delays
• High Voltage (105V) Start-up Regulator
• Voltage-mode Control with Line Feed-Forward
and Volt • Second Limiting
• Programmable Average Current Limit
Balances the Half-Bridge Capacitor Divider
Voltage in an Overload Condition
• Programmable Hiccup Mode Timer Reduces
Power Dissipation During a Continuous
Overload Event
• Adjustable Peak Cycle-by-Cycle Over Current
Protection
• Resistor Programmed, 2MHz Capable
Oscillator
• Patented Oscillator Synchronization
• Programmable Line Under-Voltage Lockout
• Internal Thermal Shutdown Protection
• Adjustable Soft-Start
• Direct Opto-Coupler Interface
• 5V Reference Output

PACKAGES
• HTSSOP-20 (Thermally enhanced)
• WQFN-24 (4mm x 5mm)

DESCRIPTION
The LM5039 Half-Bridge Controller/Gate Driver
contains all of the features necessary to implement
half-bridge topology power converters using voltage
mode control with line voltage feed-forward. The
LM5039 is a functional variant of the LM5035B half-
bridge PWM controller, featuring average current limit
during an overload event to balance the center-point
of the half-bridge capacitor divider. The floating high-
side gate driver is capable of operating with supply
voltages up to 105V. Both the high-side and low-side
gate drivers are capable of 2A peak. An internal high
voltage startup regulator is included, along with
programmable line undervoltage lockout (UVLO). The
oscillator is programmed with a single resistor to
frequencies up to 2MHz. The oscillator can also be
synchronized to an external clock. A current sense
input provides peak cycle-by-cycle and average
current limit. Other features include adjustable hiccup
mode overload protection, soft-start, revision
reference, and thermal shutdown.




Similar Part No. - LM5039SQX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5039SQX/NOPB TI-LM5039SQX/NOPB Datasheet
1Mb / 33P
Half-Bridge PWM Controller with Average Current Limit
More results


Similar Description - LM5039SQX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
Average Current Mode PWM Controller
logo
Intersil Corporation
ISL6755 INTERSIL-ISL6755 Datasheet
389Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
September 29, 2008
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5039 NSC-LM5039 Datasheet
527Kb / 24P
Half-Bridge PWM Controller with Average Current Limit
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
Average Current Mode PWM Controller IC
LM5039 TI-LM5039_15 Datasheet
1Mb / 33P
Half-Bridge PWM Controller with Average Current Limit
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
Average Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com