Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5118-Q1 Datasheet (PDF) - Texas Instruments

LM5118-Q1 Datasheet PDF - Texas Instruments
Part # LM5118-Q1
Download  LM5118-Q1 Download
File Size   970.49 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5118 Wide Voltage Range Buck-Boost Controller

LM5118-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5118-Q1 Datasheet PDF - Texas Instruments

Part # LM5118-Q1
Download  LM5118-Q1 Click to download

File Size   970.49 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5118 Wide Voltage Range Buck-Boost Controller

LM5118-Q1 Datasheet (HTML) - Texas Instruments


LM5118-Q1 Product details

1 Features
1• Ultra-Wide Input Voltage Range From 3 V to 75 V
• Emulated Peak Current Mode Control
• Smooth Transition Between Step-Down and Step-
Up Modes
• Switching Frequency Programmable to 500 KHz
• Oscillator Synchronization Capability
• Internal High Voltage Bias Regulator
• Integrated High and Low-Side Gate Drivers
• Programmable Soft-Start Time
• Ultra-Low Shutdown Current
• Enable Input Wide Bandwidth Error Amplifier
• 1.5% Feedback Reference Accuracy
• Thermal Shutdown
• Package: 20-Pin HTSSOP (Exposed Pad)
• Create a Custom Design Using the LM5118 With
the WEBENCH® Power Designer

2 Applications
Industrial Buck-Boost Supplies

3 Description
The LM5118 wide voltage range Buck-Boost
switching regulator controller features all of the
functions necessary to implement a highperformance,
cost-efficient Buck-Boost regulator
using a minimum of external components. The Buck-
Boost topology maintains output voltage regulation
when the input voltage is either less than or greater
than the output voltage, making it especially suitable
for automotive applications. The LM5118 operates as
a buck regulator while the input voltage is sufficiently
greater than the regulated output voltage and
gradually transitions to the buck-boost mode as the
input voltage approaches the output. This dual-mode
approach maintains regulation over a wide range of
input voltages with optimal conversion efficiency in
the buck mode and a glitch-free output during mode
transitions. This easy-to-use controller includes
drivers for the high-side buck MOSFET and the lowside
boost MOSFET. The regulators control method
is based upon current mode control using an
emulated current ramp. Emulated current mode
control reduces noise sensitivity of the pulse-width
modulation circuit, allowing reliable control of the very
small duty cycles necessary in high input voltage
applications. Additional protection features include
current limit, thermal shutdown and an enable input.
The device is available in a power-enhanced, 20-pin
HTSSOP package featuring an exposed die attach
pad to aid thermal dissipation.




Similar Part No. - LM5118-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5118-Q1 TI-LM5118-Q1 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118-Q1 TI1-LM5118-Q1 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118-Q1 TI-LM5118-Q1 Datasheet
1Mb / 44P
Wide Voltage Range Buck-Boost Controller
LM5118-Q1 TI2-LM5118-Q1 Datasheet
962Kb / 46P
LM5118-Q1 Wide Voltage Range Buck-Boost Controller
JUNE 2017
More results


Similar Description - LM5118-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
logo
Linear Technology
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
logo
Texas Instruments
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
Wide Voltage Range Buck-Boost Controller
LM25118 TI-LM25118_15 Datasheet
1Mb / 43P
LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com