Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6154 Datasheet (PDF) - Texas Instruments

LM6154 Datasheet PDF - Texas Instruments
Part # LM6154
Download  LM6154 Download
File Size   880.86 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers

LM6154 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6154 Datasheet PDF - Texas Instruments

Part # LM6154
Download  LM6154 Click to download

File Size   880.86 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers

LM6154 Datasheet (HTML) - Texas Instruments


LM6154 Product details

1 Features
1• At VS = 5V, typical unless noted.
• Greater than Rail-to-rail Input CMVR −0.2 5V to
5.25 V
• Rail-to-rail Output Swing 0.01 V to 4.99 V
• Wide Gain-bandwidth 75 MHz @ 100 kHz
• Slew Rate
– Small Signal 5 V/μs
– Large Signal 45 V/μs
• Low Supply Current 1.4 mA/amplifier
• Wide Supply Range 2.7 V to 24 V
• Fast Settling Time of 1.1 μs for 2 V Step (to
0.01%)
• PSRR 91 dB
• CMRR 84 dB

2 Applications
• Portable High Speed Instrumentation
• Signal Conditioning Amplifier/ADC Buffers
• Barcode Scanners

3 Description
Using patented circuit topologies, the
LM6152/LM6154 provides new levels of speed vs. power performance in applications where low voltage
supplies or power limitations previously made
compromise necessary. With only 1.4 mA/amplifier
supply current, the 75 MHz gain bandwidth of this
device supports new portable applications where higher power devices unacceptably drain battery life.
The slew rate of the devices increases with
increasing input differential voltage, thus allowing the
device to handle capacitive loads while maintaining large signal amplitude.
The LM6152/LM6154 can be driven by voltages that
exceed both power supply rails, thus eliminating concerns about exceeding the common-mode voltage
range. The rail-to-rail output swing capability provides
the maximum possible dynamic range at the output.
This is particularly important when operating on low
supply voltages.
Operating on supplies from 2.7 V to over 24 V, the
LM6152/LM6154 is excellent for a very wide range of applications, from battery operated systems with
large bandwidth requirements to high speed
instrumentation.




Similar Part No. - LM6154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6154 NSC-LM6154 Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154ACM NSC-LM6154ACM Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154ACMX NSC-LM6154ACMX Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154ACN NSC-LM6154ACN Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154BCM NSC-LM6154BCM Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
More results


Similar Description - LM6154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM6134 NSC-LM6134_14 Datasheet
1Mb / 24P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com