Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5576-Q1 Datasheet (PDF) - Texas Instruments

LM5576-Q1 Datasheet PDF - Texas Instruments
Part # LM5576-Q1
Download  LM5576-Q1 Download
File Size   789.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator

LM5576-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5576-Q1 Datasheet PDF - Texas Instruments

Part # LM5576-Q1
Download  LM5576-Q1 Click to download

File Size   789.56 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5576/-Q1 SIMPLE SWITCHER® 75 V, 3 A Step-Down Switching Regulator

LM5576-Q1 Datasheet (HTML) - Texas Instruments


LM5576-Q1 Product details

1 Features
1• LM5576-Q1 is an Automotive Grade Product that
is AEC-Q100 grade 1 Qualified (−40°C to + 125°C
Operating Junction Temperature) and AEC-Q100
Grade 0 Qualified (−40°C to + 150°C Operating
Junction Temperature)
• Integrated 75 V, 170 mΩ N-channel MOSFET
• Ultra-Wide Input Voltage Range from 6 V to 75 V
• Adjustable Output Voltage as Low as 1.225 V
• 1.5% (Q1) and 1.65% (Q0) Feedback Reference
Accuracy
• Operating Frequency Adjustable Between 50 kHz
and 500 kHz with Single Resistor
• Master or Slave Frequency Synchronization
• Adjustable Soft-Start
• Emulated Current Mode Control Architecture
• Wide Bandwidth Error Amplifier
• Built-in Protection
• HTSSOP-20EP (Exposed Pad)

2 Applications
• Automotive
• Industrial

3 Description
The LM5576 is an easy to use SIMPLE SWITCHER®
buck regulator which allows design engineers to
design and optimize a robust power supply using a
minimum set of components. Operating with an input
voltage range of 6 - 75 V, the LM5576 delivers 3 A of
continuous output current with an integrated 170 mΩ
N-Channel MOSFET. The regulator utilizes an
Emulated Current Mode architecture which provides
inherent line regulation, tight load transient response,
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
mode regulators. The operating frequency is
adjustable from 50 kHz to 500 kHz to allow
optimization of size and efficiency. To reduce EMI, a
frequency synchronization pin allows multiple ICs
from the LM(2)557x family to self-synchronize or to
synchronize to an external clock. The LM5576
ensures robustness with cycle-by-cycle current limit,
short-circuit protection, thermal shut-down, and
remote shut-down. The device is available in a power
enhanced HTSSOP-20 package featuring an
exposed die attach pad for thermal dissipation. The
LM5576 is supported by the full suite of WEBENCH®
On-Line design tools.




Similar Part No. - LM5576-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5576-Q1 TI-LM5576-Q1 Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576-Q1 TI1-LM5576-Q1 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576-Q1 TI-LM5576-Q1 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576-Q1 TI1-LM5576-Q1 Datasheet
1Mb / 34P
SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5576-Q1 TI2-LM5576-Q1 Datasheet
598Kb / 29P
LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
REVISED APRIL 2013
More results


Similar Description - LM5576-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25574MTX TI-LM25574MTX Datasheet
886Kb / 29P
LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574MT TI-LM25574MT Datasheet
886Kb / 29P
LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com