Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC234C8 Datasheet (PDF) - Hittite Microwave Corporation

HMC234C8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC234C8
Download  HMC234C8 Download
File Size   248.28 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz

HMC234C8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC234C8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC234C8
Download  HMC234C8 Click to download

File Size   248.28 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz

HMC234C8 Datasheet (HTML) - Hittite Microwave Corporation


HMC234C8 Product details

General Description
The HMC234C8 is a broadband high isolation nonreflective GaAs MESFET SPDT switch in a nonhermetic surface mount ceramic package. Covering DC to 8.0 GHz, the switch features >52 dB isolation up to 2 GHz and >38 dB isolation up to 8.0 GHz. The switch operates using complementary negative control voltage logic lines of -5/0V and requires no bias supply. This product is an excellent pin-for-pin replacement to the SMDI SSW124.

Features
  Isolation: 52 dB @ 2.0 GHz  40 dB @ 6.0 GHz
  Insertion Loss: 1.6 dB Typical @ 6.0 GHz
  Non-Reflective Design
  Surface Mount Ceramic Package

Typical Applications
The HMC234C8 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation




Similar Part No. - HMC234C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
174Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
More results


Similar Description - HMC234C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232C8 HITTITE-HMC232C8 Datasheet
183Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7 Datasheet
173Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC347G8 HITTITE-HMC347G8 Datasheet
182Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
HMC347C8 HITTITE-HMC347C8_06 Datasheet
252Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC347G8 HITTITE-HMC347G8_06 Datasheet
228Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com