Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48100Q-Q1 Datasheet (PDF) - Texas Instruments

LM48100Q-Q1 Datasheet PDF - Texas Instruments
Part # LM48100Q-Q1
Download  LM48100Q-Q1 Download
File Size   802.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control

LM48100Q-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48100Q-Q1 Datasheet PDF - Texas Instruments

Part # LM48100Q-Q1
Download  LM48100Q-Q1 Click to download

File Size   802.11 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control

LM48100Q-Q1 Datasheet (HTML) - Texas Instruments


LM48100Q-Q1 Product details

1 Features
1• Output Fault Detection
• I2C Volume and Mode Control
• Input Mixer and Multiplexer
• High PSRR
• Individual 32-Step Volume Control
• Short Circuit and Thermal Protection
• Advanced Click-and-Pop Suppression
• Low-Power Shutdown Mode
• Available in 14-Pin HTSSOP Package
• Key Specifications:
– Output Power at VDD = 5 V, RL = 8 Ω,
THD+N ≤ 1% 1.3 W (Typical)
– Quiescent Power Supply Current at 5 V,
6 mA (Typical)
– PSRR at 1 kHz 74 dB (Typical)
– Shutdown current 0.01 μA (Typical)

2 Applications
• Automotive Instrument Clusters
• Hands-Free Car Kits
• Medical

3 Description
The LM48100Q-Q1 is a single supply, mono, bridge-
tied load amplifier with I2C volume control, ideal for
automotive applications. A comprehensive output
fault detection system senses the load conditions,
protecting the device during short circuit events, as
well as detecting open circuit conditions.
Operating from a single 5-V supply, the LM48100QQ1
delivers 1.3 W of continuous output power to an 8
Ω load with < 1% THD+N. Flexible power supply
requirements allow operation from 3 V to 5.5 V. High
power supply rejection ratio (PSRR), 74 dB at 1 kHz,
allows the device to operate in noisy environments without additional power supply conditioning.
The LM48100Q-Q1 features dual audio inputs that can be mixed/multiplexed to the device output. Each
input path has its own independent, 32-step volume
control. The mixer, volume control and device mode
select are controlled through an I2C compatible
interface. An open drain FAULT output indicates
when a fault has occurred. Comprehensive output
short circuit and thermal overload protection prevent
the device from being damaged during a fault
condition.
A low power shutdown mode reduces supply current
consumption to 0.01 μA. Superior click and pop
suppression eliminates audible transients on power- up/down and during shutdown. The LM48100Q-Q1 is
available in an 14-pin HTSSOP PowerPAD™ IC
package.




Similar Part No. - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
Audio Power Amplifier
More results


Similar Description - LM48100Q-Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
3 W BTL mono audio output amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMHE TI-LM48100QMHE Datasheet
949Kb / 24P
LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com