Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM96163 Datasheet (PDF) - Texas Instruments

LM96163 Datasheet PDF - Texas Instruments
Part # LM96163
Download  LM96163 Download
File Size   953.85 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96163 Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm® BJT Transistor Beta Compensation Technology

LM96163 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96163 Datasheet PDF - Texas Instruments

Part # LM96163
Download  LM96163 Click to download

File Size   953.85 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96163 Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm® BJT Transistor Beta Compensation Technology

LM96163 Datasheet (HTML) - Texas Instruments


LM96163 Product details

1FEATURES
2• TruTherm BJT Beta Compensation Technology
Supports 45nm, 65nm and 90nm Processor
Remote Diodes
• Factory Trimmed for Intel® 45 nm Processor
Thermal Diodes
• Accurately Senses Diode-Connected 2N3904
Transistors or Thermal Diodes On-board Large
Processors or ASIC's
• Accurately Senses its Own Temperature
• Integrated PWM Fan Speed Control Output
Supports High Resolution at 22.5kHz
Frequency for 4-pin Fans
• Acoustic Fan Noise Reduction with User-
Programmable 12-Step Lookup Table
• LUT Transition Fine Resolution Smoothing
Function
• Tachometer Input for Measuring Fan RPM
• Smart-Tach Modes for Measuring RPM of Fans
with Pulse-Width-Modulated Power as Shown
in Typical Application
• ALERT Output for Processor Event
Notification
• TCRIT Output for Critical Temperature System
Shutdown
• Offset Register Can Adjust for a Variety of
Thermal Diodes
• 10-Bit Plus Sign and 11-Bit Unsigned Formats,
with 1/8°C Resolution
• Extended Resolution to 1/32°C when Digital
Filter Enabled
• Resolves Remote Diode Temperatures up to
255.875°C
• SMBus 2.0 Compatible Interface, with
TIMEOUT and ARA
• 10-Pin SON Package

APPLICATIONS
• Processor Thermal Management
• Electronic Test and Office Equipment
• Industrial Controls

DESCRIPTION
The LM96163 has remote and local temperature
sensors with integrated fan control that includes
TruTherm BJT transistor beta compensation
technology for remote diode sensing. The LM96163
accurately measures: (1) its own temperature and (2)
the temperature of a diode-connected transistor, such
as a 2N3904, or a thermal diode commonly found on
Computer Processors, Graphics Processor Units
(GPU) and other ASIC's. The LM96163 has an offset
register to correct for errors caused by different non-
ideality factors of other thermal diodes.
The LM96163 also features an integrated, pulse- width-modulated (PWM), open-drain fan control
output. Fan speed depends on a combination of the
remote temperature reading, the lookup table and
register settings. The 12-step Lookup Table (LUT)
enables the user to program a non-linear fan speed
vs. temperature transfer function often used to quiet
acoustic fan noise. In addition a fully programmable
ramping function has been added to allow smooth
transitions between LUT setpoints.




Similar Part No. - LM96163

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM96163C NSC-LM96163C Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163CISD/NOPB TI1-LM96163CISD/NOPB Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
LM96163CISDX/NOPB TI1-LM96163CISDX/NOPB Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
More results


Similar Description - LM96163

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95245 TI-LM95245_15 Datasheet
1Mb / 37P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com