Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6024 Datasheet (PDF) - Texas Instruments

LMC6024 Datasheet PDF - Texas Instruments
Part # LMC6024
Download  LMC6024 Download
File Size   832.83 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6024 Low Power CMOS Quad Operational Amplifier

LMC6024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6024 Datasheet PDF - Texas Instruments

Part # LMC6024
Download  LMC6024 Click to download

File Size   832.83 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6024 Low Power CMOS Quad Operational Amplifier

LMC6024 Datasheet (HTML) - Texas Instruments


LMC6024 Product details

1FEATURES
2• Specified for 100 kΩ and 5 kΩ Loads
• High Voltage Gain 120 dB
• Low Offset Voltage Drift 2.5 μV/°C
• Ultra Low Input Bias Vurrent 40 fA
• Input Common-mode Range Includes V−
• Operating Range from +5V to +15V Supply
• Low Distortion 0.01% at 1 kHz
• Slew Rate 0.11 V/μs
• Micropower Operation 1 mW

APPLICATIONS
• High-impedance Buffer or Preamplifier
• Current-to-voltage Converter
• Long-term Integrator
• Sample-and-hold Circuit
• Peak Detector
• Medical Instrumentation
• Industrial Controls

DESCRIPTION
The LMC6024 is a CMOS quad operational amplifier
which can operate from either a single supply or dual
supplies. Its performance features include an input
common-mode range that reaches V−, low input bias
current and voltage gain (into 100 kΩ and 5 kΩ loads)
that is equal to or better than widely accepted bipolar
equivalents, while the power supply requirement is
less than 1 mW.
This chip is built with Texas Instrument's advanced
Double-Poly Silicon-Gate CMOS process.
See the LMC6022 datasheet for a CMOS dual
operational amplifier with these same features.




Similar Part No. - LMC6024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6024IM NSC-LMC6024IM Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024IM/NOPB TI1-LMC6024IM/NOPB Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6024IMX/NOPB TI1-LMC6024IMX/NOPB Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
More results


Similar Description - LMC6024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com