Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6762AIM Datasheet (PDF) - Texas Instruments

LMC6762AIM Datasheet PDF - Texas Instruments
Part # LMC6762AIM
Download  LMC6762AIM Download
File Size   787.71 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6762 Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output

LMC6762AIM Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6762AIM Datasheet PDF - Texas Instruments

Part # LMC6762AIM
Download  LMC6762AIM Click to download

File Size   787.71 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6762 Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output

LMC6762AIM Datasheet (HTML) - Texas Instruments


LMC6762AIM Product details

1FEATURES
2• (Typical Unless Otherwise Noted)
• Low Power Consumption (Max): IS = 10
μA/comp
• Wide Range of Supply Voltages: 2.7V to 15V
• Rail-To-Rail Input Common Mode Voltage
Range
• Rail-To-Rail Output Swing (Within 100 mV of
the Supplies, @ V+ = 2.7V, and ILOAD = 2.5 mA)
• Short Circuit Protection: 40 mA
• Propagation Delay (@ V+ = 5V, 100 mV
Overdrive): 4 μs

APPLICATIONS
• Laptop Computers
• Mobile Phones
• Metering Systems
• Hand-Held Electronics
• RC Timers
• Alarm and Monitoring Circuits
• Window Comparators, Multivibrators

DESCRIPTION
The LMC6762 is an ultra low power dual comparator
with a maximum supply current of 10 μA/comparator.
It is designed to operate over a wide range of supply
voltages, from 2.7V to 15V. The LMC6762 has
ensured specifications at 2.7V to meet the demands
of 3V digital systems.
The LMC6762 has an input common-mode voltage
range which exceeds both supplies. This is a
significant advantage in low-voltage applications. The
LMC6762 also features a push-pull output that allows direct connections to logic devices without a pull-up
resistor.
A quiescent power consumption of 50 μW/amplifier
(@ V+ = 5V) makes the LMC6762 ideal for applications in portable phones and hand-held
electronics. The ultra-low supply current is also
independent of power supply voltage. Ensured
operation at 2.7V and a rail-to-rail performance
makes this device ideal for battery-powered
applications.
Refer to the LMC6772 datasheet for an open-drain
version of this device.




Similar Part No. - LMC6762AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762AIM NSC-LMC6762AIM Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Texas Instruments
LMC6762AIM TI1-LMC6762AIM Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC6762AIM/NOPB TI1-LMC6762AIM/NOPB Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC6762AIMNOPB TI1-LMC6762AIMNOPB Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762AIMX NSC-LMC6762AIMX Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Similar Description - LMC6762AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com