Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH2110 Datasheet (PDF) - Texas Instruments

LMH2110 Datasheet PDF - Texas Instruments
Part # LMH2110
Download  LMH2110 Download
File Size   906.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range

LMH2110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH2110 Datasheet PDF - Texas Instruments

Part # LMH2110
Download  LMH2110 Click to download

File Size   906.88 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range

LMH2110 Datasheet (HTML) - Texas Instruments


LMH2110 Product details

1 Features
1• Wide Supply Range from 2.7 V to 5 V
• Logarithmic Root Mean Square Response
• 45-dB Linear-in-dB Power Detection Range
• Multi-Band Operation from 50 MHz to 8 GHz
• LOG Conformance Better than ±0.5 dB
• Highly Temperature Insensitive, ±0.25 dB
• Modulation Independent Response, 0.08 dB
• Minimal Slope and Intercept Variation
• Shutdown Functionality
• Tiny 6-Bump DSBGA Package

2 Applications
• Multi-Mode, Multi-Band RF Power Control
– GSM/EDGE
– CDMA/CDMA2000
– W-CDMA
– OFDMA
– LTE
• Infrastructure RF Power Control

3 Description
The LMH2110 is a 45-dB Logarithmic RMS power
detector particularly suited for accurate power measurement of modulated RF signals that exhibit
large peak-to-average ratios; that is, large variations
of the signal envelope. Such signals are encountered
in W-CDMA and LTE cell phones. The RMS measurement topology inherently ensures a
modulation insensitive measurement.
The device has an RF frequency range from 50 MHz
to 8 GHz. It provides an accurate, temperature and
supply insensitive output voltage that relates linearly
to the RF input power in dBm. The LMH2110 device
has excellent conformance to a logarithmic response,
enabling easy integration by using slope and intercept only, reducing calibration effort significantly. The
device operates with a single supply from 2.7 V to
5 V. The LMH2110 has an RF power detection range
from –40 dBm to 5 dBm and is ideally suited for use in combination with a directional coupler.
Alternatively, a resistive divider can be used.
The device is active for EN = High; otherwise, it is in
a low power-consumption shutdown mode. To save
power and prevent discharge of an external filter
capacitance, the output (OUT) is high-impedance during shutdown.




Similar Part No. - LMH2110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
LMH2110 NSC-LMH2110 Datasheet
1Mb / 6P
evaluation board is designed to help the evaluation
logo
Texas Instruments
LMH2110 TI1-LMH2110 Datasheet
1Mb / 33P
Logarithmic Root Mean Square Response
LMH2110 TI1-LMH2110 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
National Semiconductor ...
LMH2110TM NSC-LMH2110TM Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
More results


Similar Description - LMH2110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
logo
Linear Technology
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
6GHz RMS Power Detector with 40dB Dynamic Range
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com