Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7211AIM5 Datasheet (PDF) - Texas Instruments

LMC7211AIM5 Datasheet PDF - Texas Instruments
Part # LMC7211AIM5
Download  LMC7211AIM5 Download
File Size   929.87 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output

LMC7211AIM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC7211AIM5 Datasheet PDF - Texas Instruments

Part # LMC7211AIM5
Download  LMC7211AIM5 Click to download

File Size   929.87 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output

LMC7211AIM5 Datasheet (HTML) - Texas Instruments


LMC7211AIM5 Product details

1FEATURES
2• Tiny SOT 23-5 package saves space
• Package is less than 1.43 mm thick
• Guaranteed specs at 2.7V, 5V, 15V supplies
• Typical supply current 7 μA at 5V
• Response time of 4 μs at 5V
• Push-pull output
• Input common-mode range beyond V− and V+
• Low input current

APPLICATIONS
• Battery Powered Products
• Notebooks and PDAs
• PCMCIA cards
• Mobile Communications
• Alarm and Security circuits
• Direct Sensor Interface
• Replaces amplifiers used as comparators with
better performance and lower current

DESCRIPTION
The LMC7211 is a micropower CMOS comparator available in the space saving SOT23-5 package. This makes
the comparator ideal for space and weight critical designs. The LMC7211 is supplied in two offset voltage
grades, 5 mV and 15 mV.
The main benefits of the Tiny package are most apparent in small portable electronic devices, such as mobile
phones, pagers, notebook computers, personal digital assistants, and PCMCIA cards. The rail-to-rail input
voltage makes the LMC7211 a good choice for sensor interfacing, such as light detector circuits, optical and
magnetic sensors, and alarm and status circuits.
The Tiny Comparator's outside dimensions (length x width x height) of 3.05mm x 3.00mm x 1.43mm allow it to fit
into tight spaces on PC boards.
See the LMC7221 for a comparator with an open-drain output.




Similar Part No. - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211AIM5 NSC-LMC7211AIM5 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI-LMC7211AIM5 Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Similar Description - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com