Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6882 Datasheet (PDF) - Texas Instruments

LMH6882 Datasheet PDF - Texas Instruments
Part # LMH6882
Download  LMH6882 Download
File Size   803.4 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6882 DC to 2.4-GHz, High-Linearity, Dual, Programmable Differential Amplifier

LMH6882 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6882 Datasheet PDF - Texas Instruments

Part # LMH6882
Download  LMH6882 Click to download

File Size   803.4 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6882 DC to 2.4-GHz, High-Linearity, Dual, Programmable Differential Amplifier

LMH6882 Datasheet (HTML) - Texas Instruments


LMH6882 Product details

1 Features
1• Small Signal Bandwidth: 2400 MHz
• OIP3 @ 100 MHz: 42 dBm
• HD3 @ 100 MHz: −100 dBc
• Noise Figure: 9.7 dB
• Voltage Gain: 26 dB to 6 dB
• Voltage Gain Step Size: 0.25 dB
• Input Impedance: 100 Ω
• Parallel and Serial Gain Control
• Power Down Capability

2 Applications
• Microwave Backhaul Radio Receiver
• Zero IF Sampling
• In-Phase/Quadrature (I/Q) Sampling
• Medical Imaging
• RF/IF and Baseband Gain Blocks
• Differential Cable Driver

3 Description
The LMH6882 is a high-speed, high-performance
programmable differential amplifier. With a bandwidth of 2.4 GHz and high linearity of 42 dBm OIP3, the
LMH6882 is suitable for a wide variety of signal
conditioning applications.
The LMH6882 programmable differential amplifier
combines the best of both fully differential amplifiers
and variable-gain amplifiers. The device offers superior noise and distortion performance over the
entire gain range without external resistors, enabling
the use of just one device and one design for multiple
applications requiring different gain settings.
The LMH6882 is an easy-to-use amplifier that can
replace both fully differential, fixed-gain amplifiers as
well as variable-gain amplifiers. The LMH6882 requires no external gain-setting components and
supports gain settings from 6 dB to 26 dB with small,
accurate 0.25-dB gain steps. As shown in the
adjacent voltage gain chart the gain steps are very
accurate over the entire gain range. With an input
impedance of 100 Ω, the LMH6882 is easy to drive
from a variety of sources such as mixers or filters.
The LMH6882 also supports 50-Ω single-ended
signal sources and supports DC- and AC-coupled
applications.
Parallel gain control allows the LMH6882 to be
soldered down in a fixed-gain so that no control
circuit is required. If dynamic gain control is desired,
the LMH6882 can be changed with SPI™ serial
commands or with the parallel pins.
The LMH6882 is fabricated in TI’s CBiCMOS8
proprietary complementary silicon germanium
process and is available in a space-saving, thermally
enhanced 36-pin WQFN package. The same
amplifier is offered in a single package as the
LMH6881.




Similar Part No. - LMH6882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6882 TI1-LMH6882 Datasheet
1Mb / 38P
Small Signal Bandwidth: 2400 MHz
LMH6882SQ/NOPB TI1-LMH6882SQ/NOPB Datasheet
1Mb / 38P
Small Signal Bandwidth: 2400 MHz
LMH6882SQE/NOPB TI1-LMH6882SQE/NOPB Datasheet
1Mb / 38P
Small Signal Bandwidth: 2400 MHz
LMH6882SQX/NOPB TI1-LMH6882SQX/NOPB Datasheet
1Mb / 38P
Small Signal Bandwidth: 2400 MHz
More results


Similar Description - LMH6882

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP10 SST-SST12LP10 Datasheet
193Kb / 12P
2.4 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43040 AVAGO-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Microchip Technology
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Broadcom Corporation.
MGA-43040 BOARDCOM-MGA-43040 Datasheet
1Mb / 16P
High Linearity (2.3 ??2.4) GHz Power Amplifier Module
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
logo
NXP Semiconductors
BTS6305U NXP-BTS6305U Datasheet
358Kb / 16P
High linearity pre-driver amplifier with differential input 2.3 GHz - 4.2 GHz
Rev. 1 - 12 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com