Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK04100SQ Datasheet (PDF) - Texas Instruments

LMK04100SQ Datasheet PDF - Texas Instruments
Part # LMK04100SQ
Download  LMK04100SQ Download
File Size   926.89 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs

LMK04100SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK04100SQ Datasheet PDF - Texas Instruments

Part # LMK04100SQ
Download  LMK04100SQ Click to download

File Size   926.89 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs

LMK04100SQ Datasheet (HTML) - Texas Instruments


LMK04100SQ Product details

1FEATURES
23• Cascaded PLLatinum™ PLL Architecture
– PLL1
– Redundant Reference Inputs
– Loss of Signal Detection
– Automatic and Manual Selection of
Reference Clock Input
– PLL2
– Phase Detector Rate up to 100 MHz
– Input Frequency-Doubler
– Integrated VCO
• Outputs
– LVPECL/2VPECL, LVDS, and LVCMOS
Formats
– Support Clock Rates up to 1080 MHz
– Five Dedicated Channel Divider Blocks
– Common Output Frequencies Supported:
– 30.72 MHz, 61.44 MHz, 62.5 MHz, 74.25
MHz, 75 MHz, 77.76 MHz, 100 MHz,
106.25 MHz, 125 MHz, 122.88 MHz, 150
MHz, 155.52 MHz, 156.25 MHz, 159.375
MHz, 187.5 MHz, 200 MHz, 212.5 MHz,
245.76 MHz, 250 MHz, 311.04 MHz, 312.5
MHz, 368.64 MHz, 491.52 MHz, 622.08
MHz, 625 MHz, 983.04 MHz
• MICROWIRE (SPI) Programming Interface
• Industrial Temperature Range: -40 to 85 °C
• 3.15 V to 3.45 V Operation
• Package: 48 Pin WQFN (7.0 x 7.0 x 0.8 mm)

APPLICATIONS
• Multi-Carrier/Multi-Mode/Multi-Band 2G/3G/4G
Basestations
• Cellular Repeaters
• High Speed A/D clocking
• SONET/SDH OC-48/OC-192/OC-768 Line Cards
• GbE/10GbE, 1/2/4/8/10G Fibre Channel Line
Cards
• Optical Transport Networks
• Broadcast Video, HDTV
• Serial ATA

DESCRIPTION
The LMK04100 family of precision clock conditioners
provides jitter cleaning, clock multiplication and
distribution without the need for high-performance
VCXO modules.
When connected to a recovered system reference
clock and a VCXO, the device generates 5 low jitter clocks in LVCMOS, LVDS, or LVPECL formats.




Similar Part No. - LMK04100SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04100SQ TI1-LMK04100SQ Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100SQ TI1-LMK04100SQ Datasheet
588Kb / 46P
LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04100SQ/NOPB TI1-LMK04100SQ/NOPB Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
LMK04100SQE TI1-LMK04100SQE Datasheet
588Kb / 46P
LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04100SQE/NOPB TI1-LMK04100SQE/NOPB Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
More results


Similar Description - LMK04100SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
LMK04100 Family Clock Jitter Cleaner with Cascaded PLLs
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com