Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2051622 Datasheet (PDF) - SICK AG

2051622 Datasheet PDF - SICK AG
Part # 2051622
Download  2051622 Download
File Size   938.63 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

2051622 Datasheet (PDF)

Go To PDF Page Download Datasheet
2051622 Datasheet PDF - SICK AG

Part # 2051622
Download  2051622 Click to download

File Size   938.63 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description INDUCTIVE PROXIMITY SENSORS

2051622 Datasheet (HTML) - SICK AG


2051622 Product details

Features
Housing Cylindrical thread design
Housing Standard design
Thread size M30 x 1.5
Diameter Ø 30 mm
Sensing range Sn 15 mm
Safe sensing range Sa 12.15 mm
Installation type Flush
Switching frequency 300 Hz
Connection type Cable, 3-wire, 2 m
Switching output NPN
Output function NO
Electrical wiring DC 3-wire
Enclosure rating IP68 IP69K
Special features Resistant against coolant lubricants, Temperature resistance
Special applications Mobile machines, Zones with coolants and lubricants, Difficult application conditions
Items supplied Mounting nut, brass, nickel-plated (2x)




Similar Part No. - 2051622

ManufacturerPart #DatasheetDescription
logo
SICK AG
2051622 SICK-2051622 Datasheet
938Kb / 7P
INDUCTIVE PROXIMITY SENSORS
2024-01-08 12:55:59
More results


Similar Description - 2051622

ManufacturerPart #DatasheetDescription
logo
SICK AG
IME08-1B5NOZT0K SICK-IME08-1B5NOZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-04BDSZY2K SICK-IME12-04BDSZY2K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-10NPSZW2S SICK-IME12-10NPSZW2S Datasheet
984Kb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPOZC0S SICK-IME18-12BPOZC0S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-12BPSZC0K SICK-IME18-12BPSZC0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME18-20NPOZC0S SICK-IME18-20NPOZC0S Datasheet
1Mb / 7P
INDUCTIVE PROXIMITY SENSORS
IME30-15BDOZY2S SICK-IME30-15BDOZY2S Datasheet
3Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-02BNSZT0KS09 SICK-IME08-02BNSZT0KS09 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME08-2N5NSZT0K SICK-IME08-2N5NSZT0K Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
IME12-02BPSZW5S SICK-IME12-02BPSZW5S Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com