Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7140016 Datasheet (PDF) - Theben AG

7140016 Datasheet PDF - Theben AG
Part # 7140016
Download  7140016 Download
File Size   533.39 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Climate control Room thermostats

7140016 Datasheet (PDF)

Go To PDF Page Download Datasheet
7140016 Datasheet PDF - Theben AG

Part # 7140016
Download  7140016 Click to download

File Size   533.39 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Climate control Room thermostats

7140016 Datasheet (HTML) - Theben AG


7140016 Product details

Description
- Electronic room thermostats for all types of heating, e.g. gas, water,
electric heating etc.
- External temperature sensor for underfloor heating (wet rooms or
bathroom heating)
- Switchable for the connection of available NTC sensors (33 KΩ/25 °C)
- Switch for heating ON/OFF
- Individual room control possible in combination with Theben actuators
- Heating status display via LED
- External temperature reduction (approx. 3.5 K) is possible via control
with time switch. Temperature reduction can be cut to 2 K by opening
wire bridge




Similar Part No. - 7140016

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7140 POMONA-7140 Datasheet
113Kb / 1P
Cable Mounted 쩌??Phone Plugs and Jack
logo
List of Unclassifed Man...
7140 ETC2-7140 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Kimberly-Clark Worldwid...
7140 KLEENGUARD-7140 Datasheet
854Kb / 3P
Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
23/07/2020
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
Phillips Bits
logo
Clarke International
7140651 CLARKE-7140651 Datasheet
5Mb / 20P
PETROL ENGINE DRIVEN 2” PUMP
DL1223 - ISS 4
More results


Similar Description - 7140016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
6700 SERIES THERMOSTATS
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
Thermostats Line Guide
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
Thermostats
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
Thermostats doubles
logo
Kersemi Electronic Co.,...
IRF2805 KERSEMI-IRF2805 Datasheet
849Kb / 9P
Climate Control, ABS, Electronic Braking,Windshield Wipers
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
Thermostats
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
Thermostats/humidistats
logo
List of Unclassifed Man...
6600 ETC2-6600 Datasheet
598Kb / 4P
SERIES 6600 THERMOSTATS
logo
E+E Elektronik Ges.m.b....
EE210 EPLUSE-EE210 Datasheet
2Mb / 13P
Humidity and Temperature Sensor for Demanding Climate Control
10-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com