Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC290 Datasheet (PDF) - Hittite Microwave Corporation

HMC290 Datasheet PDF - Hittite Microwave Corporation
Part # HMC290
Download  HMC290 Download
File Size   241.71 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz

HMC290 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC290 Datasheet PDF - Hittite Microwave Corporation

Part # HMC290
Download  HMC290 Click to download

File Size   241.71 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz

HMC290 Datasheet (HTML) - Hittite Microwave Corporation


HMC290 Product details

General Description
The HMC290 & HMC290E are broadband 2 - bit positive control GaAs IC digital attenuators in 6 lead SOT26 surface mount plastic packages. Covering 0.7 to 4 GHz, the insertion loss is typically less than 0.7 dB. The attenuator bit values are 2 (LSB) and 4 dB for a total attenuation of 6 dB. Accuracy is excellent at ± 0.2 dB typical with an IIP3 of up to +52 dBm. Two bit control voltage inputs, toggled between 0 and +3 to +5 volts, are used to select each attenuation state at less than 50 uA each. A single Vdd bias of +3 to +5 volts applied through an external 5K Ohm resistor is required. Occupying less than 9 mm2, this is the smallest 2 - bit digital attenuator available.

Features
    2 dB LSB Steps to 6 dB
    Single Positive Control Per BIT
    +/-0.2 dB Typical Bit Error
    Miniature SOT 26 Package: 9 mm2

Typical Applications
The HMC290 / HMC290E is ideal for:
• Cellular
• PCS, ISM, MMDS
• WLL Handset & BaseStation




Similar Part No. - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290 Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290 HITTITE-HMC290 Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290E HITTITE-HMC290E Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290 HITTITE-HMC290_09 Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
More results


Similar Description - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC291 HITTITE-HMC291_06 Datasheet
274Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com