Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC292 Datasheet (PDF) - Hittite Microwave Corporation

HMC292 Datasheet PDF - Hittite Microwave Corporation
Part # HMC292_08
Download  HMC292 Download
File Size   203.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz

HMC292 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC292 Datasheet PDF - Hittite Microwave Corporation

Part # HMC292_08
Download  HMC292 Click to download

File Size   203.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz

HMC292 Datasheet (HTML) - Hittite Microwave Corporation


HMC292 Product details

General Description
The HMC292 chip is a miniature passive GaAs MMIC double-balanced mixer which can be used as an upconverter or downconverter from 18 - 32 GHz in a small chip area of 0.66 mm2. Excellent isolations are provided by on-chip baluns, which require no external components and no DC bias. All data is measured with the chip in a 50 ohm test fi xture connected via 0.076 mm (3 mil) ribbon bonds of minimal length <0.31 mm (<12 mils).

Features
   Input IP3: +19 dBm
   LO / RF Isolation: 38 dB
   Passive: No DC Bias Required
   Small Size: 1.04 x 0.58 x 0.1 mm

Typical Applications
The HMC292 is ideal for:
• Microwave Point-to-Point Radios
• LMDS
• SATCOM




Similar Part No. - HMC292_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Similar Description - HMC292_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
GaAs MMIC Double Balanced Mixer
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC329ALC3B AD-HMC329ALC3B Datasheet
376Kb / 23P
24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com