Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0816281 Datasheet (PDF) - PHOENIX CONTACT

0816281 Datasheet PDF - PHOENIX CONTACT
Part # 0816281
Download  0816281 Download
File Size   186.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMT 2,4 (15X4)R - Cable marker

0816281 Datasheet (PDF)

Go To PDF Page Download Datasheet
0816281 Datasheet PDF - PHOENIX CONTACT

Part # 0816281
Download  0816281 Click to download

File Size   186.45 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMT 2,4 (15X4)R - Cable marker

0816281 Datasheet (HTML) - PHOENIX CONTACT


0816281 Product details

Cable marker, Roll, white, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, cable diameter range: 1 ... 2.4 mm, mounting
type: slide-on, Number of individual labels: 4000, text field height: 4.2 mm, text field width: 15
mm




Similar Part No. - 0816281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0816281 PHOENIX-0816281 Datasheet
6Mb / 76P
THERMOMARK LINE
More results


Similar Description - 0816281

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8190-3161 SONARDYNE-8190-3161 Datasheet
127Kb / 2P
Wideband Mini Transponder (WMT)
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
PHOENIX CONTACT
2904059 PHOENIX-2904059 Datasheet
34Kb / 1P
ELR-RO-T-2,4 -24VDC
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
logo
TE Connectivity Ltd
TTDS-037 TEC-TTDS-037 Datasheet
410Kb / 3P
HL Cable Marker
TTDS-013 TEC-TTDS-013 Datasheet
363Kb / 3P
HLX Cable Marker
logo
PHOENIX CONTACT
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0827296 PHOENIX-0827296 Datasheet
45Kb / 1P
CARRIER-WMT 5 (18X4,2)
09/11/2020
logo
3M Electronics
78-5100-2436-3 3M-78-5100-2436-3 Datasheet
477Kb / 2P
Ribbon cable wmt socket 05X05 pitch 451 series
REV. J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com