Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP92064 Datasheet (PDF) - Texas Instruments

LMP92064 Datasheet PDF - Texas Instruments
Part # LMP92064
Download  LMP92064 Download
File Size   820.27 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI

LMP92064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP92064 Datasheet PDF - Texas Instruments

Part # LMP92064
Download  LMP92064 Click to download

File Size   820.27 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI

LMP92064 Datasheet (HTML) - Texas Instruments


LMP92064 Product details

1 Features
1• Two Simultaneous Sampling 12-Bit ADCs
– Conversion Rate: 125 kSps (Minimum)
• 12-Bit Current Sense Channel
– Input-referred Offset: ±15 μV
– Common-mode Voltage Range: –0.2 V to 2 V
– Maximum Differential Input Voltage: 75 mV
– Fixed Gain: 25 V/V
– Gain Error: ±0.75% (Maximum)
– Bandwidth (–3dB): 70 kHz
– DC PSRR: 100 dB
– DC CMRR: 110 dB
• 12-Bit Voltage Channel
– INL: ±1 LSB
– Offset Error: ±2 mV (Maximum)
– Gain Error: ±0.75% (Maximum)
– Maximum Input Voltage: 2.048 V
– Bandwidth: 100 kHz
• Internal Reference
• SPI Frequency: Up to 20 MHz
• Temperature Range: –40°C to 105°C
• 16-Pin WSON Package

2 Applications
• Enterprise Servers
• Telecommunications
• Power Management

3 Description
The LMP92064 is a precision low-side digital current
sensor and voltage monitor with a digital SPI interface. This analog frontend (AFE) includes a
precision current sense amplifier to measure a load
current across a shunt resistor and a buffered voltage
channel to measure the voltage supply of the load. The current and voltage channels are sampled
simultaneously by independent 125-kSps, 12-bit ADC
converters, allowing for very accurate power
calculations in unidirectional sensing applications.
The LMP92064 includes an internal 2.048-V
reference for the ADCs, eliminating the need of an external reference and reducing component count
and board space.
A host can communicate with the LMP92064 using a
four-wire SPI interface running at speeds of up to
20 MHz. The fast SPI interface lets the user take
advantage of the higher bandwidth ADC to capture fast varying signals. The four-wire interface with
dedicated unidirectional input and output lines also
allows for an easy interface to digital isolators in
applications where isolation is required.
The LMP92064 operates from a single 4.5-V to 5.5-V
supply and includes a separate digital supply pin. The LMP92064 is specified over a temperature range of
–40°C to 105°C, and is available in a 5-mm x 4-mm
16-Pin WSON package.




Similar Part No. - LMP92064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD TI1-LMP92064SD Datasheet
1Mb / 29P
Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD/NOPB TI1-LMP92064SD/NOPB Datasheet
1Mb / 29P
Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE TI1-LMP92064SDE Datasheet
1Mb / 29P
Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
More results


Similar Description - LMP92064

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863 AD-AD7863 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Texas Instruments
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
23-Feb-2017
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com