Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV112SD/NOPB Datasheet (PDF) - Texas Instruments

LMV112SD/NOPB Datasheet PDF - Texas Instruments
Part # LMV112SD/NOPB
Download  LMV112SD/NOPB Download
File Size   952.58 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV112 40 MHz Dual Clock Buffer

LMV112SD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV112SD/NOPB Datasheet PDF - Texas Instruments

Part # LMV112SD/NOPB
Download  LMV112SD/NOPB Click to download

File Size   952.58 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV112 40 MHz Dual Clock Buffer

LMV112SD/NOPB Datasheet (HTML) - Texas Instruments


LMV112SD/NOPB Product details

1FEATURES
2• (Typical Values are: VSUPPLY = 2.7V and
C L = 20 pF, Unless Otherwise Specified.)
• Small Signal Bandwidth 40 MHz
• Supply Voltage Range 2.4V to 5V
• Slew Rate 110 V/μs
• Total Supply Current 1.6 mA
• Shutdown Current 59 μA
• Rail-to-Rail Input and Output
• Individual Buffer Enable Pins
• Rapid T on Technology
• Crosstalk Rejection Circuitry
• 8-pin WSON, Pin Access Packaging
• Temperature Range −40°C to 85°C

APPLICATIONS
• 3G Mobile Applications
• WLAN-WiMAX Modules
• TD_SCDMA Multi-Mode MP3 and Camera
• GSM Modules
• Oscillator Modules

DESCRIPTION
The LMV112 is a high speed dual clock buffer
designed for portable communications and accurate
multi-clock systems. The LMV112 integrates two
40 MHz low noise buffers which optimizes application
and out performs large discrete solutions. This device
enables superb system operation between the base
band and the oscillator signal path while eliminating
crosstalk.
Texas Instruments' unique technology and design
deliver accuracy, capacitance and load resistance
while increasing the drive capability of the device.
The low power consumption makes the LMV112
perfect for battery applications.
The robust, independent, and flexible buffers are
designed to provide the customer with the ability to
manage complex clock signals in the latest wireless
applications. The buffers deliver 110 V/μs internal
slew rate with independent shutdown and duty cycle
precision. The patented analog circuit drives
capacitive loads beyond 20 pF. Texas Instruments'
proven biasing technique has 1V centering, rail-to-rail
input/output unity gain, and AC coupled convenient
inputs. These integrated cells save space and require
no external bias resistors. Texas Instruments' rapid
recovery after disable optimizes performance and
current consumption. The LMV112 offers individual
enable pin controls and since there is no internal
ground reference either single or split supply
configurations offer additional system flexibility and
power choices.
The LMV112 is a proven replacement for any discrete
circuitry and simplifies board layout while minimizing
related parasitic components.
The LMV112 is produced in the small WSON
package which offers high quality while minimizing its
use of PCB space. Texas Instruments' advanced
packaging offers direct PCB-IC evaluation via pin
access.




Similar Part No. - LMV112SD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
More results


Similar Description - LMV112SD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
40 MHz Dual Clock Buffer
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
LMH2180 75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com