Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10505 Datasheet (PDF) - Texas Instruments

LMZ10505 Datasheet PDF - Texas Instruments
Part # LMZ10505
Download  LMZ10505 Download
File Size   993.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ10505 5-A Power Module With 5.5-V Maximum Input Voltage

LMZ10505 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ10505 Datasheet PDF - Texas Instruments

Part # LMZ10505
Download  LMZ10505 Click to download

File Size   993.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ10505 5-A Power Module With 5.5-V Maximum Input Voltage

LMZ10505 Datasheet (HTML) - Texas Instruments


LMZ10505 Product details

1 Features
1• Integrated Shielded Inductor
• Flexible Start-up Sequencing Using External Soft-
Start, Tracking, and Precision Enable
• Protection Against In-Rush Currents and Faults
such as Input UVLO and Output Short-Circuit
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Pin-to-Pin Compatible With
– LMZ10503 (3-A/15-W Maximum)
– LMZ10504 (4-A/20-W Maximum)
• Fully Enable for WEBENCH® and Power Designer
• Electrical Specifications
– 25-W Maximum Total Output Power
– Up to 5-A Output Current
– Input Voltage Range 2.95 V to 5.5 V
– Output Voltage Range 0.8 V to 5 V
– ±1.63% Feedback Voltage Accuracy Over
Temperature
– Efficiency up to 96%
• Performance Benefits
– Operates at High Ambient Temperatures
– High Efficiency up to 96% Reduces System
Heat Generation
– Low Radiated Emissions (EMI) Tested to
EN55022 Class B Standard (EN 55022:2006,
+A1:2007, FCC Part 15 Subpart B: 2007. See
Table 9 and Layout for Information on Device
Under Test.)
– Passes 10-V/m Radiated Immunity EMI Tested
to Standard EN61000 4-3
– Fast Transient Response for Powering FPGAs
and ASICs
• Create a Custom Design Using the LMZ10505
With the WEBENCH® Power Designer

2 Applications
• Point-of-Load Conversions from 3.3-V and 5-V
Rails
• Space-Constrained Applications
• Noise-Sensitive Applications (Such as
Transceiver, Medical)

3 Description
The LMZ10505 power module is a complete, easy-touse,
DC-DC solution capable of driving up to a 5-A
load with exceptional power conversion efficiency,
output voltage accuracy, line and load regulation. The
LMZ10505 is available in an innovative package that
enhances thermal performance and allows for hand
or machine soldering.
The LMZ10505 can accept an input voltage rail
between 2.95 V and 5.5 V and can deliver an
adjustable and highly accurate output voltage as low
as 0.8 V. One megahertz fixed-frequency PWM
switching provides a predictable EMI characteristic.
Two external compensation components can be
adjusted to set the fastest response time, while
allowing the option to use ceramic or electrolytic
output capacitors. Externally programmable soft-start
capacitor facilitates controlled start-up. The
LMZ10505 is a reliable and robust solution with the
following features: lossless cycle-by-cycle peak
current limit to protect for overcurrent or short-circuit
fault, thermal shutdown, input undervoltage lockout,
and prebiased start-up.




Similar Part No. - LMZ10505

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10505 TI1-LMZ10505 Datasheet
1Mb / 28P
LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 TI-LMZ10505 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Similar Description - LMZ10505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com