Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ14202H Datasheet (PDF) - Texas Instruments

LMZ14202H Datasheet PDF - Texas Instruments
Part # LMZ14202H
Download  LMZ14202H Download
File Size   780.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module

LMZ14202H Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ14202H Datasheet PDF - Texas Instruments

Part # LMZ14202H
Download  LMZ14202H Click to download

File Size   780.67 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module

LMZ14202H Datasheet (HTML) - Texas Instruments


LMZ14202H Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Flexible Start-Up Sequencing Using External Soft-
Start and Precision Enable
• Protection Against Inrush Currents
• Input UVLO and Output Short Circuit Protection
• –40°C to 125°C Junction Temperature Range
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Low Output Voltage Ripple
• Pin-to-Oin Compatible Family:
– LMZ14203H/2H/1H (42 V Maximum 3-A, 2-A,
1-A)
– LMZ14203/2/1 (42 V Maximum 3-A, 2-A, 1-A)
– LMZ12003/2/1 (20 V Maximum 3-A, 2-A, 1-A)
• Fully Enabled for WEBENCH® Power Designer
• Electrical Specifications
– Up to 2-A Output Current
– Input Voltage Range 6 V to 42 V
– Output Voltage as Low as 5 V
– Efficiency up to 97%
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– No Compensation Required
– Low Package Thermal Resistance
– Low Radiated EMI (EN 55022 Class B Tested)
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007.

2 Applications
• Intermediate Bus Conversions to 12-V and 24-V
Rail
• Time-Critical Projects
• Space Constrained / High Thermal Requirement
Applications
• Negative Output Voltage Applications

3 Description
The LMZ14202H SIMPLE SWITCHER® power
module is an easy-to-use step-down DC-DC solution
capable of driving up to 2-A load with exceptional
power conversion efficiency, line and load regulation,
and output accuracy. The LMZ14202H is available in
an innovative package that enhances thermal performance and allows for hand or machine
soldering.
The LMZ14202H can accept an input voltage rail
between 6 V and 42 V and deliver an adjustable and
highly accurate output voltage as low as 5 V. The
LMZ14202H only requires three external resistors and four external capacitors to complete the power
solution. The LMZ14202H is a reliable and robust
design with the following protection features: thermal
shutdown, input undervoltage lockout, output
overvoltage protection, short-circuit protection, output
current limit, and allows start-up into a prebiased
output. A single resistor adjusts the switching
frequency up to 1 MHz.




Similar Part No. - LMZ14202H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
470Kb / 10P
Evaluation Board modules for high output voltage are easy-to-use DC-DC
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
National Semiconductor ...
LMZ14202HTZ NSC-LMZ14202HTZ Datasheet
540Kb / 20P
2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202HTZ/NOPB TI-LMZ14202HTZ/NOPB Datasheet
1Mb / 28P
LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
More results


Similar Description - LMZ14202H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com