Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8758A2E3YFFR Datasheet (PDF) - Texas Instruments

LP8758A2E3YFFR Datasheet PDF - Texas Instruments
Part # LP8758A2E3YFFR
Download  LP8758A2E3YFFR Download
File Size   969.92 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8758-E3 Four 4-A Output Synchronous Step-Down DCDC Converters

LP8758A2E3YFFR Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8758A2E3YFFR Datasheet PDF - Texas Instruments

Part # LP8758A2E3YFFR
Download  LP8758A2E3YFFR Click to download

File Size   969.92 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8758-E3 Four 4-A Output Synchronous Step-Down DCDC Converters

LP8758A2E3YFFR Datasheet (HTML) - Texas Instruments


LP8758A2E3YFFR Product details

1 Features
1• Fully Integrated Quad Buck, up to 4-A
Programmable Maximum Output Current Per
Buck
– Auto PWM-PFM and Forced-PWM Operations
– Programmable Output Voltage Slew Rate
From 30 mV/μs to 0.5 mV/μs
– Input Voltage Range: 2.5 V to 5.5 V
– VOUT Range: 0.5 V to 3.36 V with DVS
• Programmable Start-Up and Shutdown
Sequencing With Enable Signal
• I2C-Compatible Interface That Supports Standard
(100 kHz), Fast (400 kHz),
Fast+ (1 MHz), and High-Speed (3.4 MHz) Modes
• Interrupt Function with Programmable Masking
• Load Current Measurement
• Output Short-Circuit and Overload Protection
• Spread-Spectrum Mode for EMI Reduction
• The Four Buck Cores Operate 90° out of Phase
Thereby Reducing Input Ripple Current
• Overtemperature Warning and Protection
• Undervoltage Lockout (UVLO)

2 Applications
• Optical Modules
• Drone Systems
• Smart Phones, eBooks, and Tablets
• Solid State Drives

3 Description
The LP8758-E3 device is designed to meet power
management requirements for low-power processors
in mobile phones, network cards, and similar
applications. The device contains four step-down DCDC
converter cores, providing four output voltage
rails. The device is controlled by an I2C-compatible
serial interface.
The automatic PWM-PFM (AUTO mode) operation
maximizes efficiency over a wide output-current
range.
The LP8758-E3 supports programmable start-up and
shutdown sequencing synchronized to hardware
Enable input signal.
The protection features include short-circuit
protection, current limits, input supply UVLO, and
temperature warning and shutdown functions.
Several error flags are provided for status information
of the device. In addition, the LP8758-E3 device
supports load current measurement without the
addition of external current sense resistors. During
start-up and voltage change, the device controls the
output slew rate to minimize output voltage overshoot
and the inrush current.
(1) For all available packages, see the orderable addendum at
the end of the data sheet.




Similar Part No. - LP8758A2E3YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8758A2E3YFFR TI1-LP8758A2E3YFFR Datasheet
871Kb / 55P
LP8758-E3 Four 4-A Output Synchronous Step-Down DCDC Converters
More results


Similar Description - LP8758A2E3YFFR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
600mA Synchronous Dual Output Step-Down DC/DC Converters
logo
Texas Instruments
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Texas Instruments
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-E0 TI-LP8758-E0_15 Datasheet
97Kb / 5P
LP8758-E0 Four Output Step-Down DC-DC Regulator
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
Four-Output Synchronous Step-Down DC-DC Converter
TPS54428 TI1-TPS54428_16 Datasheet
1Mb / 29P
4-A Synchronous Step-Down Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-E3 TI1-LP8758-E3 Datasheet
871Kb / 55P
LP8758-E3 Four 4-A Output Synchronous Step-Down DCDC Converters
LP8758-EA TI-LP8758-EA Datasheet
2Mb / 62P
LP8758-EA Four 4-A Output Synchronous Step-Down DCDC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com