Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423AIPM Datasheet (PDF) - Texas Instruments

MSP430F423AIPM Datasheet PDF - Texas Instruments
Part # MSP430F423AIPM
Download  MSP430F423AIPM Download
File Size   948.25 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F423AIPM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F423AIPM Datasheet PDF - Texas Instruments

Part # MSP430F423AIPM
Download  MSP430F423AIPM Click to download

File Size   948.25 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F423AIPM Datasheet (HTML) - Texas Instruments


MSP430F423AIPM Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultra-Low Power Consumption:
-- Active Mode: 400 μA at 1 MHz, 3.0 V
-- Standby Mode: 1.6 μA
-- Off Mode (RAM Retention): 0.1 μA
Five Power-Saving Modes
Wake-Up From Standby Mode in Less
Than 6 μs
Frequency-Locked Loop, FLL+
16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
Three Independent 16-bit Sigma-Delta A/D
Converters With Differential PGA Inputs
16-Bit Timer_A With Three
Capture/Compare Registers
Integrated LCD Driver for 128 Segments
Serial Communication Interface (USART),
Asynchronous UART, or Synchronous SPI
Selectable by Software
Brownout Detector
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
Bootstrap Loader in Flash Devices
Family Members Include:
-- MSP430F423A:
8KB + 256B Flash Memory,
256B RAM
-- MSP430F425A:
16KB + 256B Flash Memory,
512B RAM
-- MSP430F427A:
32KB + 256B Flash Memory,
1KB RAM
Available in 64-Pin Quad Flat Pack (QFP)
For Complete Module Descriptions, Refer
to the MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas InstrumentsMSP430 family of ultra-low power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portablemeasurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency.The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430F42xA series are microcontroller configurations with three independent 16-bit sigma-delta A/D
converters, each with an integrated differential programmable gain amplifier input stage. Also included are a
built-in 16-bit timer, 128 LCD segment drive capability, hardware multiplier, and 14 I/O pins.
Typical applications include high-resolution applications such as handheld metering equipment, weigh scales,
and energy meters.




Similar Part No. - MSP430F423AIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F423AIPM TI-MSP430F423AIPM Datasheet
842Kb / 45P
MIXED SIGNAL MICROCONTROLLER
MSP430F423AIPM TI2-MSP430F423AIPM Datasheet
948Kb / 50P
MIXED SIGNAL MICROCONTROLLER
FEBRUARY 2008
MSP430F423AIPM.B TI2-MSP430F423AIPM.B Datasheet
948Kb / 50P
MIXED SIGNAL MICROCONTROLLER
FEBRUARY 2008
MSP430F423AIPMR TI-MSP430F423AIPMR Datasheet
842Kb / 45P
MIXED SIGNAL MICROCONTROLLER
MSP430F423AIPMR TI2-MSP430F423AIPMR Datasheet
948Kb / 50P
MIXED SIGNAL MICROCONTROLLER
FEBRUARY 2008
More results


Similar Description - MSP430F423AIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com