Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1004-1.2 Datasheet (PDF) - Texas Instruments

LT1004-1.2 Datasheet PDF - Texas Instruments
Part # LT1004-1.2
Download  LT1004-1.2 Download
File Size   870.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MICROPOWER INTEGRATED VOLTAGE REFERENCES

LT1004-1.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1004-1.2 Datasheet PDF - Texas Instruments

Part # LT1004-1.2
Download  LT1004-1.2 Click to download

File Size   870.03 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MICROPOWER INTEGRATED VOLTAGE REFERENCES

LT1004-1.2 Datasheet (HTML) - Texas Instruments


LT1004-1.2 Product details

Initial Accuracy
− ±4 mV for LT1004-1.2
− ±20 mV for LT1004-2.5
Micropower Operation
Operates up to 20 mA
Very Low Reference Impedance
Applications:
− Portable Meter Reference
− Portable Test Instruments
− Battery-Operated Systems
− Current-Loop Instrumentation

description/ordering information
The LT1004 micropower voltage reference is a
two-terminal band-gap reference diode designed
to provide high accuracy and excellent
temperature characteristics at very low operating
currents. Optimizing the key parameters in the
design, processing, and testing of the device
results in specifications previously attainable only
with selected units.
The LT1004 is a pin-for-pin replacement for the LM285 and LM385 series of references, with improved
specifications. It is an excellent device for use in systems in which accuracy previously was attained at the
expense of power consumption and trimming.
The LT1004C is characterized for operation from 0°C to 70°C. The LT1004I is characterized for operation from
−40°C to 85°C.




Similar Part No. - LT1004-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1004-1.2 LINER-LT1004-1.2 Datasheet
244Kb / 8P
Micropower Voltage Reference
logo
Texas Instruments
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
790Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
765Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Similar Description - LT1004-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004-1.2 TI-LT1004-1.2 Datasheet
356Kb / 21P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
790Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LT1004CDRG4-1-2 TI-LT1004CDRG4-1-2 Datasheet
765Kb / 25P
MICROPOWER INTEGRATED VOLTAGE REFERENCES
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
Micropower Voltage References
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com