Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU10A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

KBU10A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # KBU10A
Download  KBU10A Download
File Size   229.89 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts

KBU10A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU10A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # KBU10A
Download  KBU10A Click to download

File Size   229.89 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts

KBU10A Datasheet (HTML) - DAESAN ELECTRONIC CORP.


KBU10A Product details

Features
• Low Forward Voltage Drop, High Current Capability
• Surge Overload Rating to 300A Peak
• Ideal for Printed Circuit Board Applications
• Case to Terminal Isolation Voltage 1500V
• Plastic Material - UL Flammability Classification Rating 94V-0




Similar Part No. - KBU10A

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Pan Jit International I...
KBU10A PANJIT-KBU10A Datasheet
47Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBU10A YANGJIE-KBU10A Datasheet
269Kb / 2P
SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
KBU10A MIC-KBU10A Datasheet
112Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
KBU10A CHONGQING-KBU10A Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBU10A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com