Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA832 Datasheet (PDF) - Texas Instruments

OPA832 Datasheet PDF - Texas Instruments
Part # OPA832
Download  OPA832 Download
File Size   871.54 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier

OPA832 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA832 Datasheet PDF - Texas Instruments

Part # OPA832
Download  OPA832 Click to download

File Size   871.54 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier

OPA832 Datasheet (HTML) - Texas Instruments


OPA832 Product details

1FEATURES
2· HIGH BANDWIDTH: 75MHz (G = +2)
· LOW SUPPLY CURRENT: 7.8mA (VS = +5V)
· FLEXIBLE SUPPLY RANGE:
±1.5V to ±5.5V Dual Supply
+3V to +11V Single Supply
· INPUT RANGE INCLUDES GROUND ON
SINGLE SUPPLY
· 4.9V PP OUTPUT SWING ON +5V SUPPLY
· HIGH SLEW RATE: 350V/ms
· LOW INPUT VOLTAGE NOISE: 9.3nV/√Hz

APPLICATIONS
· SINGLE-SUPPLY VIDEO LINE DRIVERS
· CCD IMAGING CHANNELS
· LOW-POWER ULTRASOUND
· PORTABLE CONSUMER ELECTRONICS

DESCRIPTION
The OPA2832 is a dual, low-power, high-speed,
fixed-gain amplifier designed to operate on a single
+3V to +11V supply. Operation on ±1.5V to ±5.5V
supplies is also supported. The input range extends below ground and to within 1.7V of the positive
supply.
Using complementary common-emitter outputs
provides an output swing to within 30mV of ground
and 60mV of the positive supply. The high output
drive current and low differential gain and phase
errors also make it ideal for single-supply consumer
video products.
Low distortion operation is ensured by high bandwidth
product (75MHz) and slew rate (350V/ms), making the
OPA2832 an ideal input buffer stage to 3V and 5V
CMOS converters. Unlike earlier low-power,
single-supply amplifiers, distortion performance
improves as the signal swing is decreased. A low
9.3nV/√Hz input voltage noise supports wide dynamic
range operation.
The OPA2832 is available in an industry-standard
SO-8 package or a small MSOP-8 package. For
gains other than +1, –1, or +2, consider the
OPA2830.




Similar Part No. - OPA832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA832 TI-OPA832 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA832 NSC-OPA832 Datasheet
750Kb / 30P
Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results


Similar Description - OPA832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Fairchild Semiconductor
RC4558 FAIRCHILD-RC4558 Datasheet
68Kb / 10P
Dual High-Gain Operational Amplifier
logo
Burr-Brown (TI)
OPA3832 BURR-BROWN-OPA3832_07 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Fairchild Semiconductor
RM4559D FAIRCHILD-RM4559D Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826 AD-AD826_15 Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com