Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA684 Datasheet (PDF) - Texas Instruments

OPA684 Datasheet PDF - Texas Instruments
Part # OPA684
Download  OPA684 Download
File Size   883.06 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA684 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA684 Datasheet PDF - Texas Instruments

Part # OPA684
Download  OPA684 Click to download

File Size   883.06 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable

OPA684 Datasheet (HTML) - Texas Instruments


OPA684 Product details

FEATURES
MINIMAL BANDWIDTH CHANGE VERSUS GAIN
> 120MHz BANDWIDTH TO GAIN > +10
LOW DISTORTION: < –78dBc at 5MHz
HIGH OUTPUT CURRENT: 120mA
SINGLE +5V TO +12V SUPPLY OPERATION
DUAL ±2.5 TO ±6.0V SUPPLY OPERATION
LOW SUPPLY CURRENT: 1.7mA
LOW SHUTDOWN CURRENT: 100μA

APPLICATIONS
LOW-POWER BROADCAST VIDEO DRIVERS
EQUALIZING FILTERS
SAW FILTER HIGH GAIN POST AMPLIFIERS
MULTICHANNEL SUMMING AMPLIFIERS
PROFESSIONAL CAMERAS
ADC INPUT DRIVERS

DESCRIPTION
The OPA684 provides a new level of performance in low-power,
wideband, current-feedback (CFB) amplifiers. This CFBplus amplifier
is the first to use an internally closed-loop input buffer stage that
enhances performance significantly over earlier low-power CFB
amplifiers. While retaining the benefits of very low power operation,
this new architecture provides many of the benefits of a more ideal
CFB amplifier. The closed-loop input stage buffer gives a very low
and linearized impedance path at the inverting input to sense the
feedback error current. This improved inverting input impedance
retains exceptional bandwidth to much higher gains and improves
harmonic distortion over earlier solutions limited by inverting input
linearity. Beyond simple high-gain applications, the OPA684 CFBplus
amplifier permits the gain setting element to be set with considerable
freedom from amplifier bandwidth interaction. This allows
frequency response peaking elements to be added, multiple input
inverting summing circuits to have greater bandwidth, and low-
power line drivers to meet the demanding requirements of studio
cameras and broadcast video.
The output capability of the OPA684 also sets a new mark in
performance for low-power current feedback amplifiers. Delivering
a full ±4VPP swing on ±5V supplies, the OPA684 also has the
output current to support this swing into a 100Ω load. This minimal
output headroom requirement is complemented by a similar 1.2V
input stage headroom giving exceptional capability for single +5V
operation.
The OPA684’s low 1.7mA supply current is precisely trimmed at
25°C. This trim, along with low shift over temperature and supply
voltage, gives a very robust design over a wide range of operating
conditions. System power may be further reduced by using the
optional disable control pin. Leaving this disable pin open, or holding
it HIGH, gives normal operation. If pulled LOW, the OPA684 supply
current drops to less than 100μA while the I/O pins go to a high
impedance state.




Similar Part No. - OPA684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA684 BURR-BROWN-OPA684 Datasheet
382Kb / 24P
Wideband, Low-Power, Current Feedback Operational Amplifier
OPA684 BURR-BROWN-OPA684 Datasheet
455Kb / 26P
Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA684 BURR-BROWN-OPA684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA684 TI1-OPA684 Datasheet
706Kb / 28P
Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
More results


Similar Description - OPA684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI-OPA691 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
logo
Texas Instruments
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com