Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA692 Datasheet (PDF) - Texas Instruments

OPA692 Datasheet PDF - Texas Instruments
Part # OPA692
Download  OPA692 Download
File Size   859.15 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable

OPA692 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA692 Datasheet PDF - Texas Instruments

Part # OPA692
Download  OPA692 Click to download

File Size   859.15 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable

OPA692 Datasheet (HTML) - Texas Instruments


OPA692 Product details

FEATURES
FLEXIBLE SUPPLY RANGE:
+5V to +12V Single Supply
±2.5V to ±6V Dual Supplies
INTERNALLY FIXED GAIN: +2 or ±1
HIGH BANDWIDTH (G = +2): 225MHz
LOW SUPPLY CURRENT: 5.1mA
LOW DISABLED CURRENT: 150μA
HIGH OUTPUT CURRENT: 190mA
OUTPUT VOLTAGE SWING: ±4.0V
SOT23-6 AVAILABLE

APPLICATIONS
BROADBAND VIDEO LINE DRIVERS
MULTIPLE LINE VIDEO DA
PORTABLE INSTRUMENTS
ADC BUFFERS
ACTIVE FILTERS

DESCRIPTION
The OPA692 provides an easy to use, broadband fixed gain
video buffer amplifier. Depending on the external connections,
the internal resistor network may be used to provide
either a fixed gain of +2 video buffer or a gain of +1 or –1
voltage buffer. Operating on a very low 5.1mA supply current,
the OPA692 offers a slew rate and output power
normally associated with a much higher supply current. A
new output stage architecture delivers high output current
with minimal headroom and crossover distortion. This gives
exceptional single-supply operation. Using a single +5V
supply, the OPA692 can deliver a 1V to 4V output swing with
over 120mA drive current and > 200MHz bandwidth. This
combination of features makes the OPA692 an ideal RGB
line driver or single-supply Analog-to-Digital Converter (ADC)
input driver.
The low 5.1mA supply current for the OPA692 is precisely
trimmed at +25°C. This trim, along with low drift over temperature,
ensures a lower maximum supply current than
competing products that report only a room temperature
nominal supply current. System power may be further reduced
by using the optional disable control pin. Leaving this
disable pin open, or holding it HIGH, gives normal operation.
If pulled LOW, the OPA692 supply current drops to less than
150μA while the I/O pins go into a high-impedance state.




Similar Part No. - OPA692

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA692 TI-OPA692 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA692 TI-OPA692 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Similar Description - OPA692

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com